Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # A7987TR
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button A7987TR Datasheet HTML 23Page - STMicroelectronics A7987TR Datasheet HTML 24Page - STMicroelectronics A7987TR Datasheet HTML 25Page - STMicroelectronics A7987TR Datasheet HTML 26Page - STMicroelectronics A7987TR Datasheet HTML 27Page - STMicroelectronics A7987TR Datasheet HTML 28Page - STMicroelectronics A7987TR Datasheet HTML 29Page - STMicroelectronics A7987TR Datasheet HTML 30Page - STMicroelectronics A7987TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Figure 25. Buck-boost PCB layout (top)
Figure 26. Buck-boost PCB layout (bottom)
The transfer function of the power section for buck-boost topology is summarized below:
GLC(s)=G0⋅ 1+ SωZ ⋅ 1− SωRHPZ
1+ SωLC⋅Q+ S2ωLC2
(36)
with below singularities and parameters:
ωZ= 1C0⋅RES;ωRHPZ=R0⋅(1−D)2
D⋅L ;ωLC= 1−DL⋅C0
(37)
D= V0V0+VIN;Q= 1−D⋅R0⋅ C0L;G0= V0D⋅(1−D)
(38)
The singularity ωRHPZ = 2π * fRHPZ, computed at the maximum load and minimum input voltage, is the limitation
in the loop bandwidth design. Typically the maximum bandwidth, fBW, is designed to be lower than one fourth of
the above described singularity, in order to achieve a good phase margin.
In case ωZ and ωLC are lower than the target bandwidth, a type II compensation network is enough for loop
stabilization, following the compensation strategy described in Section 6.4.1 Type II compensation network . In
case ceramic or very low ESR electrolytic output capacitors are used, ωZ is typically higher than the target fBW so
a type III compensation network is necessary, as described in Section 6.4.2 Type III compensation network.
8.2
Negative buck-boost
The A7987 device can implement the step-up/down conversion with a negative output voltage.
Figure 27. Negative buck-boost schematic example shows the schematic to regulate -24 V and about 0.6 A
maximum load, assuming VIN falling in the range from 18 V to 36 V. No further external components are added to
the standard buck topology.
A7987
Negative buck-boost
DS12928 - Rev 3
page 27/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com