Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS120 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics ACS120 Datasheet HTML 10Page - STMicroelectronics ACS120 Datasheet HTML 11Page - STMicroelectronics ACS120 Datasheet HTML 12Page - STMicroelectronics ACS120 Datasheet HTML 13Page - STMicroelectronics ACS120 Datasheet HTML 14Page - STMicroelectronics ACS120 Datasheet HTML 15Page - STMicroelectronics ACS120 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package information
ACS120
12/17
DS3279 Rev 5
Figure 21. Footprint (dimensions in mm)
Table 7. DPAK package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
1. Inches only for reference.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.18
2.40
0.0858
0.0945
A1
0.9
1.10
0.0354
0.0433
A2
0.03
0.23
0.0012
0.0091
b
0.64
0.90
0.0252
0.0354
b4
4.95
5.46
0.1949
0.2150
c
0.46
0.61
0.0181
0.0236
c2
0.46
0.60
0.0181
0.0236
D
5.97
6.22
0.2350
0.2449
D1
4.95
5.60
0.1949
0.2205
E
6.35
6.73
0.2500
0.2650
E1
4.32
5.50
0.1701
0.2165
e
2.286
0.0900
e1
4.40
4.70
0.1732
0.1850
H
9.35
10.40
0.3681
0.4094
L
1.0
1.78
0.0394
0.0701
L2
1.27
0.0500
L4
0.6
1.02
0.0236
0.0402
V2
-8°
+8°
-8°
+8°
6.7
6.7
3.0
3.0
1.6
4.572
A
B
The device must be positioned within
0.05 A B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com