Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 2 Page - STMicroelectronics

  ACS120 Datasheet HTML 1Page - STMicroelectronics ACS120 Datasheet HTML 2Page - STMicroelectronics ACS120 Datasheet HTML 3Page - STMicroelectronics ACS120 Datasheet HTML 4Page - STMicroelectronics ACS120 Datasheet HTML 5Page - STMicroelectronics ACS120 Datasheet HTML 6Page - STMicroelectronics ACS120 Datasheet HTML 7Page - STMicroelectronics ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Characteristics
ACS120
2/17
DS3279 Rev 5
1
Characteristics
Table 1. Absolute ratings (limiting values)
for either positive or negative polarity of pin OUT voltage in respect to pin COM voltage
Symbol
Parameter
Value
Unit
VDRM/VRRM Repetitive peak off-state voltage
700
V
IT(RMS)
On-state RMS current full cycle sine wave
50 to 60 Hz
DPAK
TC = 119 °C
2
A
TO-220FPAB
TC = 117 °C
TO-220AB
TC = 119 °C
ITSM
Non repetitive surge peak on-state current
TJ initial = 25 °C, full cycle sine wave
tP = 20 ms
20
A
tP = 16.7 ms
21
A
I2t
Fusing capability
tP = 10 ms
2.6
A2s
dI/dt
Repetitive on-state current critical rate of
rise IG = 10 mA (tr < 100 ns)
Tj = 125 °C
f = 120 Hz
50
A/µs
VPP
Non repetitive line peak pulse voltage(1)
2
kV
Tstg
Storage temperature range
- 40 to + 150
°C
TJ
Operating junction temperature range
- 30 to + 125
°C
TL
Maximum lead soldering temperature during 10 s
260
°C
1. According to test described by IEC 61000-4-5 standard and Figure 17.
Table 2. Switch Gate characteristics (maximum values)
Symbol
Parameter
Value
Unit
PG(AV)
Average gate power dissipation
0.1
W
IGM
Peak gate current (tP = 20 µs)
1
A
VGM
Peak positive gate voltage (in respect to pin COM)
5
V
Table 3. Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
S = 0.5 cm2(1)
DPAK
70
°C/W
TO-220FPAB
60
°C/W
TO-220AB
60
°C/W
Rth (j-c)
Junction to case
DPAK
2.6
°C/W
TO-220FPAB
3.5
°C/W
TO-220AB
2.6
°C/W
1. S = Copper surface under tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com