Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU5NK50Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STU5NK50Z
Description  N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU5NK50Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STU5NK50Z Datasheet HTML 6Page - STMicroelectronics STU5NK50Z Datasheet HTML 7Page - STMicroelectronics STU5NK50Z Datasheet HTML 8Page - STMicroelectronics STU5NK50Z Datasheet HTML 9Page - STMicroelectronics STU5NK50Z Datasheet HTML 10Page - STMicroelectronics STU5NK50Z Datasheet HTML 11Page - STMicroelectronics STU5NK50Z Datasheet HTML 12Page - STMicroelectronics STU5NK50Z Datasheet HTML 13Page - STMicroelectronics STU5NK50Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
4.1
I²PAK package information
Figure 21. I²PAK package outline
0004982_Rev_H
STB5NK50Z-1,STD5NK50ZT4,STP5NK50Z,STP5NK50ZFP,STU5NK50Z
I²PAK package information
DS2834 - Rev 6
page 10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com