Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU5NK50Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STU5NK50Z
Description  N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU5NK50Z Datasheet(HTML) 2 Page - STMicroelectronics

  STU5NK50Z Datasheet HTML 1Page - STMicroelectronics STU5NK50Z Datasheet HTML 2Page - STMicroelectronics STU5NK50Z Datasheet HTML 3Page - STMicroelectronics STU5NK50Z Datasheet HTML 4Page - STMicroelectronics STU5NK50Z Datasheet HTML 5Page - STMicroelectronics STU5NK50Z Datasheet HTML 6Page - STMicroelectronics STU5NK50Z Datasheet HTML 7Page - STMicroelectronics STU5NK50Z Datasheet HTML 8Page - STMicroelectronics STU5NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
I2PAK, DPAK,
TO-220, IPAK
TO-220FP
VDS
Drain-source voltage
500
V
VGS
Gate-source voltage
±30
V
ID
Drain current (continuous) at TC = 25 °C
4.4
4.4 (1)
A
ID
Drain current (continuous) at TC = 100 °C
2.7
2.7 (1)
A
IDM (2)
Drain current (pulsed)
17.6
17.6 (1)
A
PTOT
Total dissipation at TC = 25 °C
70
25
W
ESD
Gate-source human body model
(R = 1.5 kΩ, C = 100 pF)
3
kV
VISO
Insulation withstand voltage (RMS)
from all three leads to external heat-sink
(t = 1 s, TC = 25 °C)
2.5
kV
dv/dt (3)
Peak diode recovery voltage slope
4.5
V/ns
Tj
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
1. Limited by maximum junction temperature.
2. Pulse width limited by safe operating area.
3. ISD ≤ 4.4 A, di/dt ≤ 200 A/μs, VDD ≤ V(BR)DSS.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
I2PAK,
TO-220
TO-220FP
DPAK
IPAK
Rthj-case
Thermal resistance junction-case
1.78
5
1.78
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
100
°C/W
Rthj-pcb (1)
Thermal resistance junction-pcb
50
°C/W
1. When mounted on an 1-inch² FR-4, 2oz Cu board.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
4.4
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
130
mJ
STB5NK50Z-1,STD5NK50ZT4,STP5NK50Z,STP5NK50ZFP,STU5NK50Z
Electrical ratings
DS2834 - Rev 6
page 2/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com