Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5NK50ZFP Datasheet(PDF) 28 Page - STMicroelectronics

Part # P5NK50ZFP
Description  N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK50ZFP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button P5NK50ZFP Datasheet HTML 21Page - STMicroelectronics P5NK50ZFP Datasheet HTML 22Page - STMicroelectronics P5NK50ZFP Datasheet HTML 23Page - STMicroelectronics P5NK50ZFP Datasheet HTML 24Page - STMicroelectronics P5NK50ZFP Datasheet HTML 25Page - STMicroelectronics P5NK50ZFP Datasheet HTML 26Page - STMicroelectronics P5NK50ZFP Datasheet HTML 27Page - STMicroelectronics P5NK50ZFP Datasheet HTML 28Page - STMicroelectronics P5NK50ZFP Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics curves .................................................. 5
3
Test circuits .......................................................................8
4
Package information...............................................................9
4.1
I²PAK package information....................................................... 9
4.2
DPAK (TO-252) type A package information ....................................... 11
4.3
DPAK (TO-252) type E package information ....................................... 13
4.4
DPAK (TO-252) packing information.............................................. 15
4.5
TO-220 type A package information .............................................. 17
4.6
TO-220FP package information ................................................. 19
4.7
IPAK (TO-251) type A package information ........................................ 21
4.8
IPAK (TO-251) type C package information........................................ 23
5
Ordering information .............................................................26
Revision history .......................................................................27
STB5NK50Z-1,STD5NK50ZT4,STP5NK50Z,STP5NK50ZFP,STU5NK50Z
Contents
DS2834 - Rev 6
page 28/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com