Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5NK50ZFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # P5NK50ZFP
Description  N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK50ZFP Datasheet(HTML) 3 Page - STMicroelectronics

  P5NK50ZFP Datasheet HTML 1Page - STMicroelectronics P5NK50ZFP Datasheet HTML 2Page - STMicroelectronics P5NK50ZFP Datasheet HTML 3Page - STMicroelectronics P5NK50ZFP Datasheet HTML 4Page - STMicroelectronics P5NK50ZFP Datasheet HTML 5Page - STMicroelectronics P5NK50ZFP Datasheet HTML 6Page - STMicroelectronics P5NK50ZFP Datasheet HTML 7Page - STMicroelectronics P5NK50ZFP Datasheet HTML 8Page - STMicroelectronics P5NK50ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0 V
500
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 500 V
1
µA
VGS = 0 V, VDS = 500 V, TC = 125 °C (1)
50
µA
IGSS
Gate body leakage
current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 2.2 A
1.22
1.5
Ω
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
-
535
pF
Coss
Output capacitance
75
Crss
Reverse transfer
capacitance
17
Coss eq. (1)
Equivalent output
capacitance
VDS = 0 to 400 V, VGS = 0 V
-
45
pF
Qg
Total gate charge
VDD = 400 V, ID = 4.4 A, VGS = 0 to 10 V
(see Figure 16. Test circuit for gate charge
behavior)
-
20
28
nC
Qgs
Gate-source charge
4
Qgd
Gate-drain charge
10
1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80% VDSS.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 250 V, ID = 2.2 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15. Test circuit for resistive load
switching times and Figure 20. Switching
time waveform)
-
15
-
ns
tr
Rise time
10
td(off)
Turn-off delay time
32
tf
Fall time
15
STB5NK50Z-1,STD5NK50ZT4,STP5NK50Z,STP5NK50ZFP,STU5NK50Z
Electrical characteristics
DS2834 - Rev 6
page 3/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com