Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFM201610GHM-R47MTAA Datasheet(PDF) 2 Page - TDK Electronics

Part # TFM201610GHM-R47MTAA
Description  Inductors for power circuits Thin-film metal magnetic material
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TFM201610GHM-R47MTAA Datasheet(HTML) 2 Page - TDK Electronics

  TFM201610GHM-R47MTAA Datasheet HTML 1Page - TDK Electronics TFM201610GHM-R47MTAA Datasheet HTML 2Page - TDK Electronics TFM201610GHM-R47MTAA Datasheet HTML 3Page - TDK Electronics TFM201610GHM-R47MTAA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20211111
(2/4)
inductor_commercial_power_tfm201610ghm_en.fm
INDUCTORS
TFM201610GHM type
L FREQUENCY CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
INDUCTANCE VS. DC BIAS CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Keysight Technologies
Product No.
Manufacturer
4285A+42841A+42842C
Keysight Technologies
0.1
1
10
100
Frequency(MHz)
0.0
0.5
1.0
1.5
3.0
2.5
2.0
R47M
1R0M
2R2M
0.0
1.0
2.0
3.0
4.0
6.0
5.0
DC current(A)
0.0
1.0
2.5
2.0
1.5
0.5
R47M
1R0M
2R2M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com