Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFM201610GHM-R47MTAA Datasheet(PDF) 3 Page - TDK Electronics

Part # TFM201610GHM-R47MTAA
Description  Inductors for power circuits Thin-film metal magnetic material
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TFM201610GHM-R47MTAA Datasheet(HTML) 3 Page - TDK Electronics

  TFM201610GHM-R47MTAA Datasheet HTML 1Page - TDK Electronics TFM201610GHM-R47MTAA Datasheet HTML 2Page - TDK Electronics TFM201610GHM-R47MTAA Datasheet HTML 3Page - TDK Electronics TFM201610GHM-R47MTAA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20211111
(3/4)
inductor_commercial_power_tfm201610ghm_en.fm
INDUCTORS
TFM201610GHM type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
RECOMMENDED REFLOW PROFILE
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
PACKAGE QUANTITY
Dimensions in mm
2.00±0.20
0.50±0.30
0.50±0.30
Dimensions in mm
0.60
1.20
0.60
Natural
cooling
10s max.
60 to 120s
Preheating
30 to 50s
Soldering
230°C
230°C
250 to 260°C
180°C
150°C
Time
Peak
Type
A
B
K
TFM201610GHM
1.8
2.2
1.1
Package quantity
3000 pcs/reel
1.0
ø180±2.0
2.0±0.5
ø13±0.2
ø21±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
4.0
±0.1
4.0
±0.1
2.0
±0.05
A
Dimensions in mm
Sprocket
hole
1.5
+0.1
–0.0
Cavity
0.25±0.05
K
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com