Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR-M2012C390KT6AB Datasheet(PDF) 2 Page - TDK Electronics

Part # AVR-M2012C390KT6AB
Description  Chip varistors ESD/Voltage protection devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M2012C390KT6AB Datasheet(HTML) 2 Page - TDK Electronics

  AVR-M2012C390KT6AB Datasheet HTML 1Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 2Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 3Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 4Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 5Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 6Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 7Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 8Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(2/12)
20220209 / vpd_varistors_avr_en.fm
Voltage Protection Devices
Chip varistors
CHARACTERISTICS OF CHIP VARISTOR
Varistors are voltage dependent nonlinear resistive elements with
a resistance that decreases rapidly when the voltage is over the
constant value.
Varistors become zener diode of 2 serial connection and equiva-
lent, and does not have polarity.
CURRENT vs. VOLTAGE CHARACTERISTICS
THE EFFECT OF THE VARISTOR
Without varistor
A malfunction and failure of electronic equipment
With Varistor
Suppress abnormal voltage by inserting varistor in a circuit
EQUIVALENT CIRCUIT OF CHIP VARISTORS
CHIP VARISTORS FEATURE
IEC61000-4-2 LEVEL4 compliant.
Reliability characteristics evaluated based on AEC-Q200 con-
dition. (Automotive products)
High ESD withstanding voltage
Small-sized products are available
125°C, 150°C Supported
Fig.1 Internal structure of multilayer chip varistors
Overview of the AVR/SGNE series
RoHS Directive Compliant Product
Compatible with lead-free solders
Chip varistor
/V1mA:12V
Zener diode
/Vz:6.8V
Positive direction
Negative direction
Voltage(V)
10–1
10–2
10–3
10–4
10–5
–10–1
–10–2
–10–3
–10–4
–10–5
2
–26
–610
–10
14
–14
18
–18
ESD, Surge voltage
Power line
Signal line
IC
ESD, Surge voltage
Power line
Signal line
Insert a varistor between
a line and ground
: Chip varistor
IC
No.
Name
(1)
Semiconductor ceramics
(2)
Internal electrode(Pd)
(3)
Terminal electrode
Ag
(4)
Ni
(5)
Sn
2 Zener Diodes
A capacitance content
②
③
④
⑤
①



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com