Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR-M2012C390KT6AB Datasheet(PDF) 4 Page - TDK Electronics

Part # AVR-M2012C390KT6AB
Description  Chip varistors ESD/Voltage protection devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M2012C390KT6AB Datasheet(HTML) 4 Page - TDK Electronics

  AVR-M2012C390KT6AB Datasheet HTML 1Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 2Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 3Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 4Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 5Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 6Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 7Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 8Page - TDK Electronics AVR-M2012C390KT6AB Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(4/12)
20220209 / vpd_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
TERMINOLOGY
1 8/20µs test waveform
2 10/1000µs test waveform
Overview of the AVR/SGNE series
Item
Unit
Description
Varistor voltage
(Breakdown voltage)
V1mA
(V)
Chip varistor-terminal voltage when DC1mA was flowed
Maximum continuous voltage
Vdc
(V)
DC voltage that is continuously applied between chip varistor terminals
Terminal chip varistors leakage current-value: 50µA max.
Voltage appearing across the varistor when a pulse current (8/20µs?1) of specified peak value is
applied.
Clamping voltage
Vcl
(V)
Voltage between terminal chip varistors of the Specified peak current value of the impulse current (8/
20µs1) is applied
Maximum energy
E
(Joule)
When applied specified peak impulse current-value current (10/1000µs2) once, maximum energy that
electrical property of chip varistors be not deteriorated
Maximum peak current
Ip
(A)
When applied impulse current (8/20µs1) once, maximum current that electrical property of chip varis-
tors be not deteriorated
Capacitance
C
(pF)
Oscillator frequency 1kHz or 1MHz, capacitance between chip varistor-terminal in oscillator voltage
1Vrms
RoHS Directive Compliant Product
Compatible with lead-free solders
20µs
50%
90%
100%
Time
8µs
1000µs
50%
90%
100%
10µs
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com