Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T810 Datasheet(PDF) 11 Page - STMicroelectronics

Part # T810
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button T810 Datasheet HTML 7Page - STMicroelectronics T810 Datasheet HTML 8Page - STMicroelectronics T810 Datasheet HTML 9Page - STMicroelectronics T810 Datasheet HTML 10Page - STMicroelectronics T810 Datasheet HTML 11Page - STMicroelectronics T810 Datasheet HTML 12Page - STMicroelectronics T810 Datasheet HTML 13Page - STMicroelectronics T810 Datasheet HTML 14Page - STMicroelectronics T810 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Table 7. IPAK package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.40
0.0866
0.0945
A1
0.90
1.10
0.0354
0.0433
b
0.64
0.90
0.0252
0.0354
b2
0.95
0.0374
b4
5.20
5.43
0.2047
0.2138
B5
0.30
0.0118
c
0.45
0.60
0.0177
0.0236
c2
0.46
0.60
0.0181
0.0236
D
6.00
6.20
0.2362
0.2441
E
6.40
6.65
0.2520
0.2618
e
2.28
0.0898
e1
4.40
4.60
0.1732
0.1811
H
16.10
0.6339
L
9.00
9.60
0.3545
0.3780
L1
0.80
1.20
0.0315
0.0472
L2
0.80
1.25
0.0315
0.0492
V1
10°
10°
1. Inch dimensions are for reference only.
BTA08, BTB08, T810, T835, T850
IPAK package information
DS2114 - Rev 15
page 11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com