Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T810 Datasheet(PDF) 18 Page - STMicroelectronics

Part # T810
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button T810 Datasheet HTML 13Page - STMicroelectronics T810 Datasheet HTML 14Page - STMicroelectronics T810 Datasheet HTML 15Page - STMicroelectronics T810 Datasheet HTML 16Page - STMicroelectronics T810 Datasheet HTML 17Page - STMicroelectronics T810 Datasheet HTML 18Page - STMicroelectronics T810 Datasheet HTML 19Page - STMicroelectronics T810 Datasheet HTML 20Page - STMicroelectronics T810 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Table 10. Product selector
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600
800
T810-xxxB
X
X
10 mA
Logic Level
DPAK
T835-xxxH
X
35 mA
Snubberless™
IPAK
T810-xxxG
X
10 mA
Logic Level
D2PAK
T835-xxxG
X
X
35 mA
Snubberless™
D2PAK
T850-xxxG
X
X
50 mA
Snubberless™
D2PAK
BTA08-xxxS
X
10 mA
Logic Level
TO-220AB Ins.
BTA08-xxxC
X
X
35 mA
Standard
TO-220AB Ins.
BTA08-xxxB
X
50 mA
Standard
TO-220AB Ins.
BTA08-xxxTW
X
5 mA
Logic Level
TO-220AB Ins.
BTA08-xxxSW
X
10 mA
Logic Level
TO-220AB Ins.
BTA08-xxxCW
X
35 mA
Snubberless™
TO-220AB Ins.
BTA08-xxxBW
X
X
50 mA
Snubberless™
TO-220AB Ins.
BTB08-xxxS
X
10 mA
Logic Level
TO-220AB
BTB08-xxxC
X
35 mA
Standard
TO-220AB
BTB08-xxxB
X
50 mA
Standard
TO-220AB
BTB08-xxxTW
X
X
5 mA
Logic Level
TO-220AB
BTB08-xxxSW
X
10 mA
Logic Level
TO-220AB
BTB08-xxxCW
X
X
35 mA
Snubberless™
TO-220AB
BTB08-xxxBW
X
50 mA
Snubberless™
TO-220AB
BTA08, BTB08, T810, T835, T850
Ordering information
DS2114 - Rev 15
page 18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com