Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T850 Datasheet(PDF) 1 Page - STMicroelectronics

Part # T850
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T850 Datasheet(HTML) 1 Page - STMicroelectronics

  T850 Datasheet HTML 1Page - STMicroelectronics T850 Datasheet HTML 2Page - STMicroelectronics T850 Datasheet HTML 3Page - STMicroelectronics T850 Datasheet HTML 4Page - STMicroelectronics T850 Datasheet HTML 5Page - STMicroelectronics T850 Datasheet HTML 6Page - STMicroelectronics T850 Datasheet HTML 7Page - STMicroelectronics T850 Datasheet HTML 8Page - STMicroelectronics T850 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
A2
A1
A2
D²PAK
TO-220AB
TO-220AB Ins.
DPAK
IPAK
A2
A1
G
G
A1
A2 G
A2
A1
G
A2
A2
A2
A2
A1
G
A2
A1
G
Features
•
On-state rms current, IT(RMS) 8 A
•
Repetitive peak off-state voltage, VDRM / VRRM 600 V to 800 V
•
Triggering gate current, IGT 5 to 50 mA
Description
Available either in through-hole and surface-mount packages, these devices are
suitable for general purpose AC switching. They can be used as an ON/OFF function
in applications such as static relays, heating regulation, induction motor starting
circuits or for phase control operation in light dimmers and motor speed controllers,
etc.
The Snubberless versions (BTA, BTB08_xxxxW and T8 series) are specially
recommended for use on inductive loads, thanks to their high commutation
performance.
Logic level versions are designed to interface directly with low power drivers such as
Microcontrollers.
By using an internal ceramic pad, the BTA series provide voltage insulated tab (rated
at 2500 VRMS) in compliance with UL standards (file ref.: E81734).
Product status link
BTA08
BTB08
T810
T835
T850
Snubberless™, logic level and standard 8 A Triacs
BTA08, BTB08, T810
T835, T850
Datasheet
DS2114 - Rev 15 - August 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - T850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T850-600G STMICROELECTRONICS-T850-600G Datasheet
102Kb / 5P
HIGH PERFORMANCE TRIAC
May-1998
logo
Inchange Semiconductor ...
T850-6G ISC-T850-6G Datasheet
279Kb / 3P
isc Triacs
logo
E-SWITCH
T850000 E-SWITCH-T850000 Datasheet
101Kb / 1P
800USP8A1M2RE
T850001 E-SWITCH-T850001 Datasheet
153Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY.
T850002 E-SWITCH-T850002 Datasheet
104Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY.
More results

Similar Description - T850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08_10 Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
T8T STMICROELECTRONICS-T8T Datasheet
160Kb / 9P
Snubberless?? logic level and standard 8 A Triacs
20-Sep-2011
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
BTA16 STMICROELECTRONICS-BTA16_V01 Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com