Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1635 Datasheet(PDF) 16 Page - STMicroelectronics

Part # T1635
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button T1635 Datasheet HTML 10Page - STMicroelectronics T1635 Datasheet HTML 11Page - STMicroelectronics T1635 Datasheet HTML 12Page - STMicroelectronics T1635 Datasheet HTML 13Page - STMicroelectronics T1635 Datasheet HTML 14Page - STMicroelectronics T1635 Datasheet HTML 15Page - STMicroelectronics T1635 Datasheet HTML 16Page - STMicroelectronics T1635 Datasheet HTML 17Page - STMicroelectronics T1635 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
3.2
Ordering information
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
BTA16-600BRG
BTA16-600B
TO-220AB Ins.
2.30
50
Tube
BTA16-600BWRG
BTA16-600BW
BTA16-600CRG
BTA16-600C
BTA16-600CWRG
BTA16-600CW
BTA16-600SWRG
BTA16-600SW
BTA16-800BRG
BTA16-800B
BTA16-800BWRG
BTA16-800BW
BTA16-800CWRG
BTA16-800CW
BTA16-800SWRG
BTA16-800SW
BTB16-600BRG
BTB16-600B
TO-220AB
Tube
BTB16-600BWRG
BTB16-600BW
BTB16-600CRG
BTB16-600C
BTB16-600CWRG
BTB16-600CW
BTB16-600SWRG
BTB16-600SW
BTB16-800BRG
BTB16-800B
BTB16-800BWRG
BTB16-800BW
BTB16-800CWRG
BTB16-800CW
BTB16-800SWRG
BTB16-800SW
T1610-600G-TR
T1610-600G
D²PAK
1.50
1000
Tape and reel
T1610-800G-TR
T1610-800G
T1635-600G-TR
T1635-600G
T1635-800G-TR
T1635-800G
T1650-600G-TR
T1650-600G
T1635-600G
T1635-600G
50
Tube
T1610, T1635, T1650, BTA16, BTB16
Ordering information
DS2114 - Rev 11
page 16/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com