Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7475B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7475B
Description  ELECTRO-LUMINESCENT DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7475B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7475B Datasheet HTML 1Page - STMicroelectronics TDA7475B Datasheet HTML 2Page - STMicroelectronics TDA7475B Datasheet HTML 3Page - STMicroelectronics TDA7475B Datasheet HTML 4Page - STMicroelectronics TDA7475B Datasheet HTML 5Page - STMicroelectronics TDA7475B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTERNAL CLOCK GENERATION
STAND-BY FUNCTION
VOLTAGE SET-UP CONVERSION FUNC-
TION
ANTI-RADIATION TRAPEZOIDAL WAVE FOR
E.L. DISPLAY DRIVING
CONSTANT
CURRENT
CHARGE/DIS-
CHARGE OF E.L. DISPLAY
2-STEP BRIGHTNESS CONTROL (NORMAL
OR DIMMED LUMINANCE)
PROTECTIONS WITH AUTOMATIC RESET:
- COIL-SWITCHING MOS OVERCURRENT
- CHIP OVERTEMPERATURE
DESCRIPTION
The TDA7475 is a new BCD OFF-LINE technol-
ogy device intended for EL display lighting in car-
radio applications. Time-extended luminance is
achieved by driving the display with constant-cur-
rent pulses, which will automatically compensate
for the ageing-related capacitance loss by provid-
ing more elevated voltage pulses.
November 2001
®
LSW
DSW
INTERNAL
VOLTAGE
SOURCE
OVER
VOLTAGE
PROTECTION
STAND-BY
CURRENT
LIMITER
OVER THERMAL
PROTECTION
QS
R
-
+
-
+
ERR. AMP.
PWM COMP
GATE
DRIVER
VCC
SENSE
CCHG
CCO
EL DRIVER CONTROL
DIMMER
CONTROL
VDC-sen
1/4 ~ 1/32
DIVIDER
CLK OSC
f=8,4,2,1KHz
f=32KHz
3
CEL
11
VDC
EL1
13
GATE
15
VCCO
16
VCC
10
9
EL2
2
VSB
4
ISET-N
5
ISET-D
6
VDM
7
CLKC
CCLK
8
CLKR
RCLK
1
TAB-GND
14
P-GND
RD
RN
D98AU980
ICP
ICN
BLOCK DIAGRAM
PowerSO16
ORDERING NUMBER: TDA7475A
TDA7475A
ELECTRO-LUMINESCENT DISPLAY DRIVER
BCD OFF-LINE TECHNOLOGY
1/6


Similar Part No. - TDA7475B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7473 STMICROELECTRONICS-TDA7473 Datasheet
37Kb / 5P
QUAD BTL DRIVER WITH VOLTAGE REGULATOR
Jun-1998
TDA7473 STMICROELECTRONICS-TDA7473 Datasheet
59Kb / 5P
QUAD BTL DRIVER WITH VOLTAGE REGULATOR
Jun-1998
TDA7473A STMICROELECTRONICS-TDA7473A Datasheet
59Kb / 5P
QUAD BTL DRIVER WITH VOLTAGE REGULATOR
Jun-1998
TDA7476 STMICROELECTRONICS-TDA7476 Datasheet
101Kb / 15P
CAR RADIO DIAGNOSTIC PROCESSOR
Dec-1999
TDA7476 STMICROELECTRONICS-TDA7476 Datasheet
163Kb / 19P
CAR RADIO DIAGNOSTIC PROCESSOR
Apr-2001
More results

Similar Description - TDA7475B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8414-04 HAMAMATSU-L8414-04 Datasheet
68Kb / 2P
SLD (Super Luminescent Diode)
logo
Analog Devices
ADN2849 AD-ADN2849 Datasheet
1Mb / 10P
10.7 Gbps Electro-Absorption Modulator Driver
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Analog Devices
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
LCD Display Driver
November, 2013
logo
Hamamatsu Corporation
L12856-04 HAMAMATSU-L12856-04_15 Datasheet
293Kb / 2P
Super Luminescent Diode (SLD)
L11607-04 HAMAMATSU-L11607-04_15 Datasheet
134Kb / 2P
SLD (Super Luminescent Diode)
logo
EHAOAN.
EH-E5050RGB-IC EHAOAN-EH-E5050RGB-IC Datasheet
1Mb / 11P
Full color luminescent words
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com