Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-128G032B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LED-128G032B
Description  LED Display Moduless
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LED-128G032B Datasheet(HTML) 1 Page - Vishay Siliconix

  LED-128G032B Datasheet HTML 1Page - Vishay Siliconix LED-128G032B Datasheet HTML 2Page - Vishay Siliconix LED-128G032B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LEE-128G032B
www.vishay.com
Vishay Dale
Revision: 07-Dec-12
1
Document Number: 37088
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LED Display Modules
128 x 32 Graphics Display with Drive Electronics and + 5 V HC CMOS Level Video Interface
Red LED Modules, Normal Brightness, Single Board Construction, RoHS-Compliant
The LEE-128G032B is an LED replacement for the popular
APD-128G032 plasma display module. It is designed to
offer high brightness and superior viewing characteristics in
a slim package. This display is ideal for low to medium level
information content and is ideal for applications such as
arcade games, process control, POS terminals, medical
equipment, message centers and ATM machines.
The LEE-128G032B LED display offers high contrast, wide
viewing angle, and long distance readability. It emits a bright
red color which catches the attention of the viewer, but is yet
comfortable to the eye.
The LEE-128G032B LED display has a video type interface
and is driven in a standard row/column refresh method.
Pixel data is clocked for a row, and rows are scanned
sequentially. Signals are presented for serial data, dot clock,
column latch, row data, row clock and display enable. The
serial data is entered with the dot clock up to frequencies as
high as 8 MHz. After a row of 128 pixels is clocked in, the
column latch signal is toggled and the data is latched. At the
time the data is latched, the display is briefly disabled using
the display enable signal, then the row pointer is advanced
with the row clock signal. Once each frame the row data
must be asserted to synchronize the column serial data with
the beginning row. The recommended scanning frequency
is approximately 70 Hz, but may be as high as 200 Hz.
Note
• Recommended operating voltages, all maximums are absolute
maximum
FEATURES
• LED replacement for the popular APD-128G032
plasma display module
• + 5 V HC CMOS level video interface
• Large characters
• Highly visible for long distance viewing
• > 30:1 contrast ratio
• Bright red color
• Slim profile
• Reduced power and brightness version
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
ELECTRICAL SPECIFICATIONS
Voltage(s) Required: + 5 VDC (VCC)
Power Required (Fully Lit): Typ. = 5.5 W, max. = 6.5 W
OPTICAL SPECIFICATIONS
Viewing Area: 12.75" [323.8 mm] W x 3.15" [80.01 mm] L
Character Size (5 x 7): 0.65" [16.51 mm] H x 0.45" [11.43 mm] W
Pixel Size: 0.063" [1.6 mm] H x 0.031" [0.8 mm] W
Pixel Pitch: 0.100" [2.54 mm]
Luminance: 100 ft-L minimum
Color: Bright red
Viewing Angle: > 150°
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 40 °C to + 85 °C
Storage Temperature: - 40 °C to + 85 °C
Relative Operating Humidity: To 95 % non-condensing
Mechanical Shock: 30 G
Vibration: 3 G
Operating Altitude: 10 000 ft
STANDARD ELECTRICAL SPECIFICATIONS
DESCRIPTION
SYMBOL
MIN.
TYP.
MAX.
UNITS
Logic and LED
Drive Voltage
VCC
+ 4.5
+ 5.0
+ 5.5
VDC
Logic and LED
Drive Current
(Fully Lit)
ICC
-1.1
1.3
ADC
Logic 1 Input
Vih
0.7 VCC
--
VDC
Logic 0 Input
Vil
-
-
0.3 VCC
VDC
DIMENSIONS in inches [millimeters]
0.250
Max.
0.062
7.25
14.80
7.25
12.68 Viewing Area
Pin 1 of J1
Pin 1 of J2
0.150 Mounting Holes (6 x)
1.057


Similar Part No. - LED-128G032B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LED-128G032B-1 VISHAY-LED-128G032B-1 Datasheet
140Kb / 3P
LED Display Modules
07-Dec-12
LED-128G032B-2 VISHAY-LED-128G032B-2 Datasheet
142Kb / 3P
LED Display Modules
07-Dec-12
LED-128G032B-3 VISHAY-LED-128G032B-3 Datasheet
142Kb / 3P
LED Display Moduless
07-Dec-12
More results

Similar Description - LED-128G032B

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
LED Display
LTS-5301AP LITEON-LTS-5301AP Datasheet
345Kb / 6P
LED Display
LTS-6960HR LITEON-LTS-6960HR Datasheet
346Kb / 6P
LED Display
LTP-14158AG LITEON-LTP-14158AG Datasheet
437Kb / 6P
LED Display
LTP-14858AA LITEON-LTP-14858AA Datasheet
415Kb / 6P
LED Display
LTS-4301JR LITEON-LTS-4301JR Datasheet
355Kb / 6P
LED Display
logo
Vishay Siliconix
LEE-128G032B-3 VISHAY-LEE-128G032B-3 Datasheet
142Kb / 3P
LED Display Moduless
07-Dec-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com