Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-128G032B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LED-128G032B
Description  LED Display Moduless
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LED-128G032B Datasheet(HTML) 2 Page - Vishay Siliconix

  LED-128G032B Datasheet HTML 1Page - Vishay Siliconix LED-128G032B Datasheet HTML 2Page - Vishay Siliconix LED-128G032B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LEE-128G032B
www.vishay.com
Vishay Dale
Revision: 07-Dec-12
2
Document Number: 37088
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE SIGNAL DESCRIPTION
Dot clock - This signal enters the serial data on each low to
high transition. A total of 128 dot clock transitions must be
present for each line of column/anode data.
Serial data - This signal presents the pixel data in positive
logic format. A logic one represents a lit pixel and a logic
zero represents an extinguished pixel. Data is entered from
right to left. The first pixel data entered will represent the left
most pixel in the row.
Column latch - This signal latches the pixel data into the
driver outputs. When the column latch signal goes to logic
one the data entered previously will fall through to the driver
outputs. When the signal returns to a logic zero the data is
latched and the shift register is now ready to accept the next
row of data. Must be held low while entering new serial data.
Display enable - This signal enables the output drivers.
Using a duty cycle control, this signal may also be used for
intensity control. The display enable must be at logic zero
before the column latch signal transitions. To avoid display
blurring, the row clock signal should also transition while
display enable is a logic zero.
Row data - This signal is the first line marker for the scan.
This input should be held high to correspond to the first row
of pixel data.
Row clock - This signal clocks row data on the falling edge.
The row clock signal is repetitive and must be present for
proper scanning of the display module.
The LEE-128G032B has an unique input protection circuit
that assures the column drivers stay blanked on power up.
The protection circuit unblanks the column drivers when the
row clock signal begins (i.e the display begins scanning).
PIN DESCRIPTION
J2 - POWER CONNECTOR
Molex 26-48-1045 or equivalent.
Mates with Tyco AMP 3-640428-8, or Molex 09-50-3041
housing with 08-50-0106 socket crimp terminals or equivalent.
PIN
SIGNAL
DESCRIPTION
1VCC
Logic and LED drive supply
2VCC
Logic and LED drive supply
3
GND
Ground
4
GND
Ground
J1 - DATA CONNECTOR
FCI 75869-102LF or equivalent.
Mates with Tyco AMP 1658621-2 or equivalent
PIN
DESCRIPTION
PIN
DESCRIPTION
1
Display enable
2
Ground
3
Row data
4
Ground
5
Row clock
6
Ground
7
Column latch
8
Ground
9
Dot clock
10
Ground
11
Serial data
12
Ground
13
No connection
14
Ground
LOGIC AND DATA TIMING
PARAMETER
MIN.
TYP.
MAX.
UNITS
t1
100
-
-
ns
t2
5-
-
μs
t3
1-
-
μs
t4
-
70
200
Hz
t5
25
-
-
ns
t6
75
-
-
ns
t7
75
-
-
ns
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
Display, Driver Electronics and
+ 5 V HC CMOS Interface
LED-128G032B
J1 Data Connector Kit
(2 pcs. recommended)
280105-08
J2 Power Connector Kit
280108-16
Row Clock
Column Latch
Display Enable
Row Data
t
4
Display Enable
2
1
030
31
0
1
Serial Data
2
1
0
126 127
1
st bit of row will appear in left most column
t
2
Row Clock
230
31
0
1
1
0
t
3
t
1
t
5
Dot Clock
Positive edge x 128
t
6
t
7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com