Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2040PL Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU2040PL
Description  P-Channel E nhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU2040PL Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU2040PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel E nhancement Mode MOS FE T
Nov.18,2004
S amHop Microelectronics C orp.
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
-20A
45 @ V GS = -10V
60 @ V GS = -4.5V
F E AT UR E S
-40V
S T U/D2040P L
TO-252 and TO-251 Package.
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S TU S E R IE S
TO-252AA(D-PAK)
S TD S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
S
G
D
Parameter
S ymbol
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
V
Drain Current-Continuous @ Ta
-Pulsed
ID
50
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 175
C
a
a
a
b
-40
-20
20
-20
-84
25 C
70 C
Ta= 25 C
Ta=70 C
35
-16.7
A
Limit
1
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
AB S OLUTE MAXIMUM R ATINGS
(TA=25 C unles s otherwis e noted)


Similar Part No. - STU2040PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU2030PLS SAMHOP-STU2030PLS Datasheet
791Kb / 9P
P-Channel E nhancement Mode F ield Effect Transistor
logo
VBsemi Electronics Co.,...
STU2030PLS VBSEMI-STU2030PLS Datasheet
913Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STU2071 STMICROELECTRONICS-STU2071 Datasheet
280Kb / 18P
4B3T U INTERFACE CIRCUIT
Sep-1994
STU2071B1 STMICROELECTRONICS-STU2071B1 Datasheet
280Kb / 18P
4B3T U INTERFACE CIRCUIT
Sep-1994
STU2071FN STMICROELECTRONICS-STU2071FN Datasheet
280Kb / 18P
4B3T U INTERFACE CIRCUIT
Sep-1994
More results

Similar Description - STU2040PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM9435A SAMHOP-SDM9435A Datasheet
359Kb / 5P
P -Channel E nhancement Mode MOS FET
STM4439 SAMHOP-STM4439 Datasheet
883Kb / 7P
P -Channel E nhancement Mode MOSFET
SDM4435 SAMHOP-SDM4435 Datasheet
550Kb / 7P
P-Channel E nhancement Mode MOSFET
STM4433 SAMHOP-STM4433 Datasheet
658Kb / 7P
P-Channel E nhancement Mode MOSFET
STM6375 SAMHOP-STM6375 Datasheet
650Kb / 7P
P-Channel E nhancement Mode MOSFET
STS3401 SAMHOP-STS3401 Datasheet
680Kb / 7P
P-Channel E nhancement Mode MOSFET
STS3403 SAMHOP-STS3403 Datasheet
700Kb / 7P
P-Channel E nhancement Mode MOSFET
STU1030PL SAMHOP-STU1030PL Datasheet
876Kb / 8P
P-Channel E nhancement Mode MOSFET
STU1530PL SAMHOP-STU1530PL Datasheet
851Kb / 8P
P-Channel E nhancement Mode MOSFET
SDM9433 SAMHOP-SDM9433 Datasheet
306Kb / 5P
P -Channel E nhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com