Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2040PL Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STU2040PL
Description  P-Channel E nhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU2040PL Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STU2040PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU2040PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-40
V
Zero Gate Voltage Drain Current
IDSS
VDS -32V, VGS 0V
=
=
1
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID =-250uA
=
-0.8
-2.0
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -16A
VGS -4.5V, ID -10A
60
On-State Drain Current
ID(ON)
VDS =-5V, VGS = -10V
A
S
Forward Transconductance
FS
g
VDS -10V, ID -15A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-10V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = -24V
ID = -16 A
VGS = -10V
R GEN = 4.7 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-24V, ID = -16A
VGS =-10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
2
5
45
uA
m ohm
m ohm
P-Channel ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
VDS =-24V, ID =-16A,VGS =-10V
nC
VDS =-24V, ID =-16A,VGS =-4.5V
50
125
200
1115
19.5
31.8
53.1
7.3
11.5
2.8
4.1
9.4
15
ohm
R g
Gate resistance
VGS =0V, VDS = 0V, f=1.0MHZ
1250
225
140
3
13
8.5
62
37
22
11
4.8
3.2
S T U/D2040P L
-1.5
35
46



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com