Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC2 Datasheet(PDF) 2 Page - Littelfuse

Part # LLC2
Description  Open Board Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC2 Datasheet(HTML) 2 Page - Littelfuse

  LLC2 Datasheet HTML 1Page - Littelfuse LLC2 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/llc2
LLC2 SERIES
Specifications
Control
Type
Resistance sensing for high & low level
detection of conductive liquids
Sense Voltage
12VAC at probe terminals
Sense Resistance
Fixed or adjustable to 100KΩ
Sense Resistance Tolerance Adjustable: guaranteed range
Fixed: ±10%
Input
Voltage
24, 120, or 230VAC
Tolerance
24VAC
-15% - 20%
120 & 230VAC
-20% - 10%
AC Line Frequency
50/60 Hz
Output
Type
Electromechanical relay
Form
Isolated, SPDT
Rating
10A resistive @ 120/240VAC & 28VDC;
1/3 hp @ 120/240VAC
Life
Mechanical - 1 x 107; Electrical - 1 x 105
Protection
Isolation Voltage
≥ 1500V RMS between input, output, & probe
Mechanical
Mounting
Surface mount with two or four #6
(M3.5 x 0.6) screws
Termination
0.25 in. (6.35 mm) duplex male quick connect
terminals. Terminal blocks for up to #14 AWG
2.5 mm2) wire
Dimensions (Open Board)
H 101.6 mm (4.0”); W 76.2 mm (3.0”);
D 50.8 mm (2.0”)
Environmental
Operating/Storage
Temperature
-20° to 55°C / -40° to 80°C
Coating
Printed circuit board is conformal coated to
resist moisture and corrosion
Weight
≅ 9 oz (255 g)
Mounting Dimensions
4.0
(101.6)
0.5
(12.7)
2.0
(50.8)
0.163 (4.14)
3.0
(76.2)
0.44
(11.35)
0.25
(6.35)
3.62
(91.9)
3.5
(88.9)
2.12
(53.8)
2.5
(63.5)
0.19
(4.83)
0.25
(6.35)
DIAGRAM
KEY
MODEL NUMBERS ENDING IN:
N
C
W
0.440”
(11.176 mm)
0.250”
(6.350 mm)
X
3.620”
(91.948 mm)
3.500”
(88.900 mm)
Y
2.120”
(53.848 mm)
2.500”
(63.500 mm)
Z
0.190”
(4.826 mm)
0.250”
(6.350 mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com