Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC2 Datasheet (PDF) - Littelfuse

LLC2 Datasheet PDF - Littelfuse
Part # LLC2
Download  LLC2 Download
File Size   384.07 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Open Board Liquid Level Controls

LLC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LLC2 Datasheet PDF - Littelfuse

Part # LLC2
Download  LLC2 Click to download

File Size   384.07 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Open Board Liquid Level Controls

LLC2 Datasheet (HTML) - Littelfuse


LLC2 Product details

Description
The LLC2 Series is a dual-probe conductive liquid level control
designed for OEM equipment and commercial appliance
applications. Models are available for fill or drain operation.
Transformer isolated 12VAC is provided at the probes to prevent
electrolysis. A trickle current of less than 1mA determines the
presence or absence of liquid between the probes and common.
On adjustable units, the sensitivity adjustment allows accurate
level sensing while ignoring foaming agents and floating debris.
The LLC2 Series printed circuit board is conformal coated to
resist moisture and corrosion.
Operation
Drain (Pump-Down Mode): When the liquid level rises and
touches the high probe, the output relay energizes and remains
energized until the liquid level falls below the low probe. The
output relay then de-energizes and remains de-energized until
the liquid again touches the high probe.
Fill (Pump-Up Mode): When the liquid level falls below the low
probe, the output relay energizes and remains energized until
the liquid level rises and touches the high probe. The output
relay then de-energizes and remains de-energized until the liquid
level again falls below the low probe.

FEATURES BENEFITS
Isolated 12VAC probes Prevents scale buildup on the probes
Open PCB design Cost effective design for OEM equipment and
commercial appliances
Conformally coated PCB Protects against moisture and corrosion
Sensitivity adjustment Provides accurate level sensing while ignoring foam
or floating debris




Similar Part No. - LLC2

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LLC LINKCOM-LLC Datasheet
732Kb / 6P
Power Supply
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
FROST PROTECTION THERMOSTAT
logo
Inventronics Inc.
LLC-012S035RSP INVENTRONICS-LLC-012S035RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S050RSP INVENTRONICS-LLC-012S050RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S070RSP INVENTRONICS-LLC-012S070RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
More results


Similar Description - LLC2

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC4 LITTELFUSE-LLC4 Datasheet
450Kb / 2P
Octal Plug-In Liquid Level Controls
2017 Rev: 1-A-020817
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com