Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC5 Datasheet (PDF) - Littelfuse

LLC5 Datasheet PDF - Littelfuse
Part # LLC5
Download  LLC5 Download
File Size   428.09 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Liquid Level Controls

LLC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LLC5 Datasheet PDF - Littelfuse

Part # LLC5
Download  LLC5 Click to download

File Size   428.09 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Liquid Level Controls

LLC5 Datasheet (HTML) - Littelfuse


LLC5 Product details

Description
The LLC5 provides dual probe conductive liquid level control
in a convenient octal plug-in package. Models are available
for fixed fill or drain operation. Isolated, pulsed DC voltage
on the probes prevents electrolytic plating. Less than 1 mA
of current is used to sense the presence of conductive liquid
between the probes and common. On adjustable units, the
sensitivity adjustment eliminates false tripping caused by
floating debris and foaming agents.
Operation
Drain (Pump-Down Mode): When the liquid level rises
and touches the high level probe, the output relay and LED
energize and remain energized until the liquid level falls below
the low level probe. The output relay and LED de-energize and
remain de-energized until the liquid rises and touches the high
level probe.
Fill (Pump-Up Mode): When the liquid level falls below
the low level probe, the output relay and LED energize and
remain energized until the liquid level rises and touches the
high level probe. The output relay and LED de-energize and
remain de-energized until the liquid level again falls below the
low level probe.

FEATURES BENEFITS
Unique Probe
Protection logic
Probes are protected from scale build up through
pulsed DC signal between the probes.
LED status indicatior Visual indication of relay engagement in pump-up or
pump-down activity
Isolated 5A
SPDT contacts Allows control of loads for AC voltage




Similar Part No. - LLC5

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LLC520UYC-B90 LIGHTKEY-LLC520UYC-B90 Datasheet
76Kb / 2P
5mm Cylindrical Yellow LED Lamp
More results


Similar Description - LLC5

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC4 LITTELFUSE-LLC4 Datasheet
450Kb / 2P
Octal Plug-In Liquid Level Controls
2017 Rev: 1-A-020817
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com