Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC1 Datasheet (PDF) - Littelfuse

LLC1 Datasheet PDF - Littelfuse
Part # LLC1
Download  LLC1 Download
File Size   369.69 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Open Board Liquid Level Controls

LLC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LLC1 Datasheet PDF - Littelfuse

Part # LLC1
Download  LLC1 Click to download

File Size   369.69 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Open Board Liquid Level Controls

LLC1 Datasheet (HTML) - Littelfuse


LLC1 Product details

Description
The LLC1 Series is a single probe conductive liquid level control
designed for OEM equipment and commercial appliances. This
unit may be ordered with fixed fill or fixed drain operation. A
time delay (1-60s) prevents rapid cycling of the output relay.
On adjustable units, the sensitivity adjustment allows accurate
level sensing while ignoring foaming agents and floating
debris. Isolated AC voltage is provided at the probe to prevent
electrolysis. A trickle current of less than 1mA determines the
presence or absence of liquid between the probe and common.
The LLC1 Series printed circuit board is conformal coated to
resist moisture and corrosion.
Operation
Drain (Pump-Down Mode): When the liquid level rises and
touches the probe, a fixed time delay begins. This time delay
prevents rapid cycling of the output relay and its load. At the
end of the time delay, the output relay energizes and remains
energized until the liquid level falls below the probe. The output
relay then de-energizes and remains de-energized until the liquid
again touches the probe.
Fill (Pump-Up Mode): When the liquid level falls below the
probe, a fixed time delay begins. This time delay prevents rapid
cycling of the output relay and its load. At the end of the time
delay, the output relay energizes and remains energized until
the liquid level rises and touches the probe. The output relay
then de-energizes and remains de-energized until the liquid level
again falls below the probe.

FEATURES BENEFITS
Isolated AC voltage
on probe Prevents scale buildup on the probe
Open PCB design Cost effective design for OEM equipment and
commercial appliances
Conformally coated PCB Protects against moisture and corrosion
Sensitivity adjustment Provides accurate level sensing while ignoring foam
or floating debris




Similar Part No. - LLC1

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LLC100U182AAC0 LINKCOM-LLC100U182AAC0 Datasheet
732Kb / 6P
Power Supply
LLC100U212AAC0 LINKCOM-LLC100U212AAC0 Datasheet
732Kb / 6P
Power Supply
LLC100U272AAC0 LINKCOM-LLC100U272AAC0 Datasheet
732Kb / 6P
Power Supply
LLC100U322AAC0 LINKCOM-LLC100U322AAC0 Datasheet
732Kb / 6P
Power Supply
LLC100U392AAC0 LINKCOM-LLC100U392AAC0 Datasheet
732Kb / 6P
Power Supply
More results


Similar Description - LLC1

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC4 LITTELFUSE-LLC4 Datasheet
450Kb / 2P
Octal Plug-In Liquid Level Controls
2017 Rev: 1-A-020817
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com