Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC4 Datasheet (PDF) - Littelfuse

LLC4 Datasheet PDF - Littelfuse
Part # LLC4
Download  LLC4 Download
File Size   450.32 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Octal Plug-In Liquid Level Controls

LLC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
LLC4 Datasheet PDF - Littelfuse

Part # LLC4
Download  LLC4 Click to download

File Size   450.32 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Octal Plug-In Liquid Level Controls

LLC4 Datasheet (HTML) - Littelfuse


LLC4 Product details

Description
The LLC4 combines resistance sensing circuitry with solid-state
timing to provide single probe level maintenance. On adjustable
units, the sensitivity adjustment allows accurate level sensing
while ignoring foaming agents and floating debris. Isolated
12VAC is provided at the probe to prevent electrolysis. A trickle
current of less than 1mA determines the presence or absence
of conductive liquid between the probe and common. The LLC4
Series can be used with many types of low voltage (resistance
changing) transducers to perform other control functions like
temperature limit control, photo limit control, condensation
sensing, and ice sensing.
Operation
Drain (Pump-Down Mode): When the liquid level rises and
touches the probe, the time delay begins. This time delay
prevents rapid cycling of the output relay and its load. At the
end of the time delay, the output relay energize and remain
energized until the liquid level falls below the probe level. The
output relay de-energize and remain de-energized until the liquid
rises and touches the probe.
Fill (Pump-Up Mode): When the liquid level falls below the
probe, the time delay begins. This time delay prevents rapid
cycling of the output relay and its load. At the end of the time
delay, the output relay energize and remain energized until the
liquid level rises and touches the probe. The output relay then
de-energize and remain de-energized until the liquid level again
falls below the probe level.

FEATURES BENEFITS
Isolated 12VAC probes Prevents scale buildup on probe
Industry standard 8-pin
octal plug connection Eliminates need for special connectors
Sensitivity adjustment Provides accurate level sensing while ignoring foam
or floating debris




Similar Part No. - LLC4

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LLC LINKCOM-LLC Datasheet
732Kb / 6P
Power Supply
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
FROST PROTECTION THERMOSTAT
logo
Inventronics Inc.
LLC-012S035RSP INVENTRONICS-LLC-012S035RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S050RSP INVENTRONICS-LLC-012S050RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S070RSP INVENTRONICS-LLC-012S070RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
More results


Similar Description - LLC4

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com