Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC4 Datasheet(PDF) 1 Page - Littelfuse

Part # LLC4
Description  Octal Plug-In Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC4 Datasheet(HTML) 1 Page - Littelfuse

  LLC4 Datasheet HTML 1Page - Littelfuse LLC4 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2017 Littelfuse Protection Relays & Controls
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/
Rev: 1-A-020817
www.littelfuse.com/llc4
LLC4 SERIES
Description
The LLC4 combines resistance sensing circuitry with solid-state
timing to provide single probe level maintenance. On adjustable
units, the sensitivity adjustment allows accurate level sensing
while ignoring foaming agents and floating debris. Isolated
12VAC is provided at the probe to prevent electrolysis. A trickle
current of less than 1mA determines the presence or absence
of conductive liquid between the probe and common. The LLC4
Series can be used with many types of low voltage (resistance
changing) transducers to perform other control functions like
temperature limit control, photo limit control, condensation
sensing, and ice sensing.
Operation
Drain (Pump-Down Mode): When the liquid level rises and
touches the probe, the time delay begins. This time delay
prevents rapid cycling of the output relay and its load. At the
end of the time delay, the output relay energize and remain
energized until the liquid level falls below the probe level. The
output relay de-energize and remain de-energized until the liquid
rises and touches the probe.
Fill (Pump-Up Mode): When the liquid level falls below the
probe, the time delay begins. This time delay prevents rapid
cycling of the output relay and its load. At the end of the time
delay, the output relay energize and remain energized until the
liquid level rises and touches the probe. The output relay then
de-energize and remain de-energized until the liquid level again
falls below the probe level.
Features & Benefits
FEATURES
BENEFITS
Isolated 12VAC probes
Prevents scale buildup on probe
Industry standard 8-pin
octal plug connection
Eliminates need for special connectors
Sensitivity adjustment
Provides accurate level sensing while ignoring foam
or floating debris
Wiring Diagram
Octal Plug-In Liquid Level Controls
L1
N/L2
Metal Tank or use
additional Probe
P = Probe
C = Probe Common
V = Voltage
Relay contacts are isolated.
Connect common to
conductive tank. Additional
probe is necessary for
non-conductive or
insulated tanks.
Ordering Information
MODEL
INPUT
VOLTAGE OPERATION
TIME
DELAY
SENSE RESISTANCE
MODEL
INPUT
VOLTAGE
OPERATION TIME
DELAY SENSE RESISTANCE
LLC42A10A 24VAC
Drain
10s
Adjustable 1 - 250kΩ
LLC44B1A
120VAC
Fill
1s
Adjustable 1 - 250kΩ
LLC42A1A
24VAC
Drain
1s
Adjustable 1 - 250kΩ
LLC44A60A
120VAC
Drain
60s
Adjustable 1 - 250kΩ
LLC42B15A
24VAC
Fill
15s
Adjustable 1 - 250kΩ
LLC44B20A
120VAC
Fill
20s
Adjustable 1 - 250kΩ
LLC44A10A 120VAC
Drain
10s
Adjustable 1 - 250kΩ
LLC44B2A
120VAC
Fill
2s
Adjustable 1 - 250kΩ
LLC44A15A 120VAC
Drain
15s
Adjustable 1 - 250kΩ
LLC44B30A
120VAC
Fill
30s
Adjustable 1 - 250kΩ
LLC44A1A
120VAC
Drain
1s
Adjustable 1 - 250kΩ
LLC44B4A
120VAC
Fill
4s
Adjustable 1 - 250kΩ
LLC44A2A
120VAC
Drain
2s
Adjustable 1 - 250kΩ
LLC44B5A
120VAC
Fill
5s
Adjustable 1 - 250kΩ
LLC44A4A
120VAC
Drain
4s
Adjustable 1 - 250kΩ
LLC44B5F100 120VAC
Fill
5s
Fixed 100kΩ
LLC44A5A
120VAC
Drain
5s
Adjustable 1 - 250kΩ
If you don’t find the part you need, call us for a custom product 800-843-8848
8-PIN


Similar Part No. - LLC4

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LLC LINKCOM-LLC Datasheet
732Kb / 6P
Power Supply
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
FROST PROTECTION THERMOSTAT
logo
Inventronics Inc.
LLC-012S035RSP INVENTRONICS-LLC-012S035RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S050RSP INVENTRONICS-LLC-012S050RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S070RSP INVENTRONICS-LLC-012S070RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
More results

Similar Description - LLC4

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com