Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC4 Datasheet(PDF) 2 Page - Littelfuse

Part # LLC4
Description  Octal Plug-In Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC4 Datasheet(HTML) 2 Page - Littelfuse

  LLC4 Datasheet HTML 1Page - Littelfuse LLC4 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2017 Littelfuse Protection Relays & Controls
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/
Rev: 1-A-020817
www.littelfuse.com/llc4
LLC4 SERIES
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- or 11-pin plug-in timers, flashers,
and other controls.
NDS-8 Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Surface
mounted with two #6 (M 3.5 x 0.6) screws or
snaps onto a 35 mm DIN rail. Uses PSC8 hold-
down clips.
PSC8 Hold-down Clips
Securely mounts plug-in controls in any position.
Provides protection against vibration. Use with
NDS-8 Octal Socket. Sold in pairs.
PHST-38QTN Electrode
Designed for a maximum steam pressure of
240 PSI; 400° F. UL353 Recognized.
LLP-24 Threaded Probe (24”)
Threaded stainless steel probe measuring 24”
(61 cm) long. For use with PHST-38QTN liquid
level control electrodes.
Specifications
Control
Type
ON/OFF (single level) resistance sensor with
built-in time delay to prevent rapid cycling
Sensing Voltage
12VAC
Sensing Resistance
Fixed or adjustable to 250KΩ
Sensing Resistance
Tolerance
Adjustable: 1K ±500Ω at low end;
250K ±25% at high end
Factory fixed: ±10% or 500Ω, whichever
is greater
Input
Voltage
24, 120, or 230VAC
Tolerance
24VAC
-15%, +20%
120 & 230VAC
-20%, +10%
AC Line Frequency
50/60 Hz
Output
Type
Electromechanical relay
Form
Isolated, SPDT
Rating
4A resistive @ 240VAC;
1/10 hp @ 240VAC
Protection
Surge
IEEE C62.41-1991 Level A
Isolation Voltage
≥ 1500V RMS between input, output & probe
Mechanical
Mounting
Plug-in socket
Termination
Octal 8-pin plug-in
Dimensions
H 73.9 mm (2.91”); W 60.7 mm (2.39”);
D 45.2 mm (1.78”)
Environmental
Operating/Storage
Temperature
-20° to 60°C/-40° to 80°C
Weight
≅ 6 oz (170 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com