Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF18 Datasheet(PDF) 2 Page - XP Power Limited

Part # AMF18
Description  AC-DC PO WER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMF18 Datasheet(HTML) 2 Page - XP Power Limited

  AMF18 Datasheet HTML 1Page - XP Power Limited AMF18 Datasheet HTML 2Page - XP Power Limited AMF18 Datasheet HTML 3Page - XP Power Limited AMF18 Datasheet HTML 4Page - XP Power Limited AMF18 Datasheet HTML 5Page - XP Power Limited AMF18 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC-DC POWER SUPPLIES
2
AMF18 Series
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
88
%
Typical average of efficiencies measured at 25%, 50%, 75% and
100% load and 230VAC input
Energy Efficiency
Level VI
Isolation
4000
VAC
Input to Output, 2 x MOPP
Suitable for BF applications
Switching Frequency
24
70
kHz
Variable
Mean Time Between Failure
200
khrs
MIL-HDBK-217F at 25°C GB
Weight
0.35 (160)
lb (g)
Body only
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
80
264
VAC
Input Frequency
47
63
Hz
Input Current
0.5
A
Measured at 80VAC
Inrush Current
70
A
240VAC, cold start at 25°C
Power Factor
EN61000-3-2, class A
No Load Input Power
75
mW
Input Protection
Internal fuse in line
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5
24
V
See Models and Ratings table
Minimum Load
0
A
No minimum load required
Start Up Delay
4
s
Start Up Rise Time
15
45
ms
Hold Up Time
10
ms
Full load and 100VAC
Total Regulation
5
%
See Models and Ratings table
Transient Response
4
% deviation
Recovery within <1% within 500µs for a 60% step load change at
0.15A/µs
Ripple & Noise
200
mV pk-pk
Measured with 20MHz bandwidth and 10µF electrolytic in parallel
with 0.1µF ceramic capacitor
Over Voltage Protection
110
200
%
Auto recovery
Over Load Protection
120
205
%
Leakage Current
50
µA
At 264VAC, 60Hz, from output to ground
Temperature Coefficient
0.05
%/˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com