Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF18 Datasheet(PDF) 1 Page - XP Power Limited

Part # AMF18
Description  AC-DC PO WER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMF18 Datasheet(HTML) 1 Page - XP Power Limited

  AMF18 Datasheet HTML 1Page - XP Power Limited AMF18 Datasheet HTML 2Page - XP Power Limited AMF18 Datasheet HTML 3Page - XP Power Limited AMF18 Datasheet HTML 4Page - XP Power Limited AMF18 Datasheet HTML 5Page - XP Power Limited AMF18 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
Dimensions
AC-DC POWER SUPPLIES
18W
Models & Ratings
AMF18 Series
1. Model number is for body only. AC input plugs must be ordered separately, see AC input plug section.
2. Other output voltages available, contact sales for details.
3. Total regulation includes initial set accuracy, line and load regulation.
4. Typical average value measured at 25%, 50%, 75% and 100% at 230VAC.
5. For white case version add suffix ‘-W’ e.g. AMF18US12-W. MOQ applies, contact sales for details.
Notes:
3.56” x 1.32” x 2.3” (90.5 x 33.5 x 58.5mm)
The AMF18 series of wall plug adaptors comply with medical and home-healthcare approvals
along with the latest energy efficiency level VI standards with high active mode efficiency and
extremely low no load power consumption.
Available with a range of interchangeable AC connectors these adaptors suit a wide variety
of cost sensitive industrial and medical applications while maintaining industry leading
performance.
• IP22 ingress protection
• IEC/EN60601-1-11 for home healthcare applications
• Energy efficiency level VI & EU2019/1782
• Medical and home healthcare approvals
• Interchangeable mains connectors
• Input voltage range 80 to 264VAC
• Output voltages from 5V to 24VDC
• Optional white versions
• Class II construction
• 3 Years warranty
Features
Model Number(1,2,5)
Output Power
Output Voltage
Output Current
Total Regulation(3)
Efficiency(4)
AMF18US05
18W
5.0V
2500mA
5%
82.5%
AMF18US09
9.0V
2000mA
86.5%
AMF18US12
12.0V
1500mA
87.8%
AMF18US15
15.0V
1200mA
86.7%
AMF18US18
18.0V
1000mA
87.2%
AMF18US24
24.0V
750mA
88.3%
EXTERNAL
WALL PLUG
Healthcare
Home
Healthcare
Medical
Diagnostic


Similar Part No. - AMF18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AMF10 VISHAY-AMF10 Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
More results

Similar Description - AMF18

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
AMF36 XPPOWER-AMF36 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
15 March 2022
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com