Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF36 Datasheet(PDF) 1 Page - XP Power Limited

Part # AMF36
Description  AC-DC PO WER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMF36 Datasheet(HTML) 1 Page - XP Power Limited

  AMF36 Datasheet HTML 1Page - XP Power Limited AMF36 Datasheet HTML 2Page - XP Power Limited AMF36 Datasheet HTML 3Page - XP Power Limited AMF36 Datasheet HTML 4Page - XP Power Limited AMF36 Datasheet HTML 5Page - XP Power Limited AMF36 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
Dimensions
AC-DC POWER SUPPLIES
36W
Models & Ratings
AMF36 Series
1. Model number is for body only. AC input plugs must be ordered separately, see AC input plug section.
2. Other output voltages available, contact sales for details.
3. Total regulation includes initial set accuracy, line and load regulation.
4. Typical average value measured at 25%, 50%, 75% and 100% at 230VAC.
5. For white case version add suffix ‘-W’ e.g. AMF36US12-W. MOQ applies, contact sales for details.
Notes:
3.56” x 1.32” x 2.3” (90.5 x 33.5 x 58.5mm)
The AMF36 series of wall plug adaptors comply with medical, home-healthcare and ITE
approvals along with the latest energy efficiency level VI standards with high active mode
efficiency and extremely low no load power consumption.
Available with a range of interchangeable AC connectors these adaptors suit a wide variety
of cost sensitive industrial and medical applications while maintaining industry leading
performance.
• IP22 ingress protection
• IEC/EN60601-1-11 for home healthcare applications
• Energy efficiency level VI & EU2019/1782
• Medical, home healthcare and ITE approvals
• Interchangeable mains connectors
• Input voltage range 80 to 264VAC
• Output voltages from 5V to 48VDC
• Optional white versions
• Class II construction
• 3 Years warranty
Features
Model Number(1,2,5)
Output Power
Output Voltage
Output Current
Total Regulation(3)
Efficiency(4)
AMF36US05
36W
5.0V
5000mA
5%
85.0%
AMF36US09
9.0V
4000mA
88.6%
AMF36US12
12.0V
3000mA
88.6%
AMF36US15
15.0V
2400mA
88.4%
AMF36US18
18.0V
2000mA
89.5%
AMF36US24
24.0V
1500mA
88.8%
AMF36US30
30.0V
1200mA
89.3%
AMF36US36
36.0V
1000mA
89.1%
AMF36US48
48.0V
750mA
88.3%
EXTERNAL
WALL PLUG
Healthcare
Technology
Medical
Diagnostic
Home
Healthcare


Similar Part No. - AMF36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AMF VISHAY-AMF Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
logo
Advantech Co., Ltd.
AMF-S25V2-256GDSBC ADVANTECH-AMF-S25V2-256GDSBC Datasheet
787Kb / 5P
21" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V2-256GDSBC ADVANTECH-AMF-S25V2-256GDSBC Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V4-1TDSBC ADVANTECH-AMF-S25V4-1TDSBC Datasheet
787Kb / 5P
21" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V4-1TDSBC ADVANTECH-AMF-S25V4-1TDSBC Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
More results

Similar Description - AMF36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ASB75 XPPOWER-ASB75 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com