Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7988P Datasheet(PDF) 1 Page - Belden Inc.

Part # 7988P
Description  Low Skew, Category 5e, 4-24 AWG pairs, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7988P Datasheet(HTML) 1 Page - Belden Inc.

  7988P Datasheet HTML 1Page - Belden Inc. 7988P Datasheet HTML 2Page - Belden Inc. 7988P Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 7988P
Low Skew, Category 5e, 4-24 AWG pairs, CMP
Product Description
Category 5e, 24 AWG bonded pairs solid bare copper conductors, plenum, FEP Teflon® insulation, skew 9.0ns/100m nominal, rip cord, Flamarrest® jacket.
Technical Specifications
Product Overview
Suitable Applications:
Category 5e, UTP Based Video Applications, and KVM
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
Solid
BC - Bare Copper 4
Conductor Count:
8
Total Number of Pairs:
4
Insulation
Material
FEP - Fluorinated Ethylene Propylene
Bonded-Pair:
N/A
Color Chart
Number
Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Outer Shield
Material
No Shield
Outer Jacket
Material
Material Trade Name Nominal Diameter Ripcord
PVC - Polyvinyl Chloride Flamarrest®
0.193 in
Yes
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. DCR Unbalance
90 Ohm/km
3 %
Capacitance
Max. Capacitance Unbalance
66
Delay


Similar Part No. - 7988P

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
79880 WIXROYD-79880 Datasheet
190Kb / 1P
Pull Handles aluminium, Clean line
79880.W0120 WIXROYD-79880.W0120 Datasheet
190Kb / 1P
Pull Handles aluminium, Clean line
79880.W0125 WIXROYD-79880.W0125 Datasheet
190Kb / 1P
Pull Handles aluminium, Clean line
79880.W0130 WIXROYD-79880.W0130 Datasheet
190Kb / 1P
Pull Handles aluminium, Clean line
79880.W0135 WIXROYD-79880.W0135 Datasheet
190Kb / 1P
Pull Handles aluminium, Clean line
More results

Similar Description - 7988P

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7988R BELDEN-7988R Datasheet
227Kb / 3P
Low Skew, Category 5e, 4-24 AWG pairs, CMR
2022 Belden, Inc
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1213F BELDEN-1213F Datasheet
166Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1533P BELDEN-1533P Datasheet
162Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
1700A BELDEN-1700A Datasheet
179Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
1701A BELDEN-1701A Datasheet
180Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
7989P BELDEN-7989P Datasheet
265Kb / 3P
Low Skew, Category 6, 4-24 AWG pairs, CMP
2022 Belden, Inc
7989R BELDEN-7989R Datasheet
264Kb / 3P
Low Skew, Category 6, 4-24 AWG pairs, CMR
2022 Belden, Inc
7987P BELDEN-7987P Datasheet
202Kb / 3P
NanoSkew™ 4-24 AWG pairs, CMP
12-20-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com