Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7988P Datasheet(PDF) 2 Page - Belden Inc.

Part # 7988P
Description  Low Skew, Category 5e, 4-24 AWG pairs, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7988P Datasheet(HTML) 2 Page - Belden Inc.

  7988P Datasheet HTML 1Page - Belden Inc. 7988P Datasheet HTML 2Page - Belden Inc. 7988P Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Velocity of Propagation (VP) [%] Typical Delay Skew
72%
0.027 ns/100m
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
NEXT [dB]
Min.
PSNEXT [dB]
Min.
ACR [dB]
Min.
PSACR [dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL (Return
Loss) [dB]
Max./Min. Input
Impedance (unFitted)
Max./Min. Fitted
Impedance
1 MHz
2 dB/100m
65.3 dB
65.3 dB
60.3 dB
60.3 dB
63.8 dB
60.8 dB
20 dB
100 ± 15
100 ± 15
4 MHz
4.1 dB/100m
56.3 dB
53.3 dB
49.2 dB
49.2 dB
51.7 dB
48.7 dB
23 dB
100 ± 15
100 ± 15
8 MHz
5.8 dB/100m
51.8 dB
48.8 dB
43 dB
43 dB
45.7 dB
42.7 dB
24.5 dB
100 ± 15
100 ± 15
10 MHz
6.5 dB/100m
50.3 dB
47.3 dB
40.8 dB
40.8 dB
43.8 dB
40.8 dB
25 dB
100 ± 15
100 ± 15
16 MHz
8.2 dB/100m
47.3 dB
44.3 dB
36 dB
36 dB
39.7 dB
36.7 dB
25 dB
100 ± 15
100 ± 15
20 MHz
9.3 dB/100m
45.8 dB
42.8 dB
33.5 dB
33.5 dB
37.7 dB
34.7 dB
25 dB
100 ± 15
100 ± 15
25 MHz
10.4 dB/100m
44.3 dB
41.3 dB
30.9 dB
30.9 dB
35.8 dB
32.8 dB
24.3 dB
100 ± 15
100 ± 15
31.25 MHz
11.7 dB/100m
42.9 dB
39.9 dB
28.2 dB
28.2 dB
33.9 dB
30.9 dB
23.6 dB
100 ± 15
100 ± 15
62.5 MHz
17 dB/100m
38.4 dB
35.4 dB
18.4 dB
18.4 dB
27.8 dB
24.8 dB
21.5 dB
100 ± 15
100 ± 15
100 MHz
22 dB/100m
35.3 dB
32.3 dB
10.3 dB
10.3 dB
23.8 dB
20.8 dB
20.1 dB
100 ± 15
100 ± 15
155 MHz
28.1 dB/100m
32.5 dB
29.54 dB
2 dB
2 dB
19.9 dB
16.9 dB
15.8 dB
100 ± 25
100 ± 15
200 MHz
32.4 dB/100m
30.8 dB
27.8 dB
1 dB
1 dB
17.7 dB
14.7 dB
15 dB
100 ± 25
100 ± 15
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Operating Temperature Range:
-20°C To +75°C
Mechanical Characteristics
Bulk Cable Weight:
21 lbs/1000ft
Max. Pull Tension:
40 lbs
Min. Bend Radius/Minor Axis:
2 in
Standards
NEC/(UL) Compliance:
CMP
CEC/C(UL) Compliance:
CMP
ISO/IEC Compliance:
ISO 11801 Category 5
TIA/EIA Compliance:
ANSI/TIA/EIA-568-B.2 Category 5e
Other Specification:
NEMA WC-63.1 Category 5e, UL Verified to Category 5e
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Plenum
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262
CSA Flammability:
FT6
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com