Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7794 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7794 Datasheet HTML 9Page - Analog Devices AD7794 Datasheet HTML 10Page - Analog Devices AD7794 Datasheet HTML 11Page - Analog Devices AD7794 Datasheet HTML 12Page - Analog Devices AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices AD7794 Datasheet HTML 16Page - Analog Devices AD7794 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Preliminary Technical Data
AD7794
REV.PrE 6/04 | Page 13
Pin
No.
Mnemonic
Function
AIN5(-) is the negative terminal of the differential analog input pair AIN5(+)/AIN5(-).
Alternatively, the internal excitation current source can be made available at this pin. The excitation current
source is programmable so that the current can be 10 uA, 200 uA or 1 mA. Either IEXC1 or IEXC2 can be
switched to this output.
17
AIN4(+)/REFIN2(+)
Analog Input/Positive Reference Input.
AIN4(+) is the positive terminal of the differential analog input pair AIN4(+)/AIN4(-).
This pin can aso function as a reference input. REFIN2(+) can lie anywhere between AVDD and GND + 0.1 V.
The nominal reference voltage (REFIN2(+) – REFIN2(–)) is 2.5 V, but the part functions with a reference from 0.1
V to AVDD.
18
AIN4(-)/REFIN2(-)
Analog Input/Negative Reference Input.
AIN4(-) is the negative terminal of the differential analog input pair AIN4(+)/AIN4(-).
This pin also functions as the negative reference input for REFIN2. This reference input can lie anywhere
between GND and AVDD – 0.1 V.
19
PSW
Low Side Power Switch to GND.
20
GND
Ground Reference Point.
21
AVDD
Supply Voltage, 2.7 V to 5.25 V.
22
D VDD
Serial Interface Supply Voltage, 2.7 V to 5.25 V. DVDD is independent of AVDD. Therefore, the serial interface can
be operated at 3 V with AVDD at 5 V or vice versa.
23
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose . It functions as a serial data output pin
to access the output shift register of the ADC. The output shift register can contain data from any of the
on-chip data or control registers. In addition, DOUT/RDY operates as a data ready pin,
going low to indicate the completion of a conversion. If the data is not read after the conversion, the pin will go
high before the next update occurs.
The DOUT/RDY falling edge can be used as an interrupt to a processor, indicating that valid data is available.
With an external serial clock, the data can be read using the DOUT/RDY pin. With CS low, the data/control word
informa-tion is placed on the DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge.
The end of a conversion is also indicated by the RDY bit in the status register. When CS is high, the DOUT/RDY
pin is three-stated but the RDY bit remains active.
24
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the control
registers within the ADC, the register selection bits of the communications register identifying the appropriate
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com