Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7794 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices AD7794 Datasheet HTML 16Page - Analog Devices AD7794 Datasheet HTML 17Page - Analog Devices AD7794 Datasheet HTML 18Page - Analog Devices AD7794 Datasheet HTML 19Page - Analog Devices AD7794 Datasheet HTML 20Page - Analog Devices AD7794 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Preliminary Technical Data
AD7794
REV.PrE 6/04 | Page 21
Bit Location
Bit Name
Description
IEXCEN0
excitation currents.
IEXCEN1
IEXCEN0
Current Source Value
0
0
Excitation Currents Disabled
0
1
10 uA
1
0
200 uA
1
1
1 mA
OFFSET REGISTER (RS2, RS1, RS0 = 1, 1, 0; POWER-ON/RESET = 0x800000)
The offset register holds the offset calibration coefficient for the ADC. The power-on-reset value of the internal zero-scale calibration
coefficient register is 800000 hex. The AD7794 has 4 offset registers. Channels AIN1 to AIN3 have dedicated offset registers while chan-
nels AIN4, AIN5 and AIN6 share an offset register. Each of these registers is a 24-bit read/write register. This register is used in
conjunction with its associated full-scale register to form a register pair. The power-on-reset value is automatically overwritten if an in-
ternal or system zero-scale calibration is initiated by the user. The AD7794 must be placed in power down mode or idle mode when
writing to the offset register.
FULL-SCALE REGISTER (RS2, RS1, RS0 = 1, 1, 1; POWER-ON/RESET = 0x5XXXX5)
The full-scale registers is a 24-bit register that holds the full-scale calibration coefficient for the ADC. The AD77794 has 4 full-scale
registers. Channels AIN1, AIN2 and AIN3 have dedicated full-scale registers while channels AIN4, AIN5 and AIN6 share a register. The
full-scale registers are read/write registers. However, when writing to the full-scale registers, the ADC must be placed in power down
mode or idle mode. These registers are configured on power-on with factory-calibrated internal full-scale calibration coefficients, the
factory calibration being performed with the gain set to 1 and using the internal reference. Therefore, every device will have different
default coefficients. These default values are used when the device is operated with a gain of 1 and when the internal reference is selected.
For other gains or when the external reference is used at a gain of 1, these default coefficients will be automatically overwritten if an
internal or system full-scale calibration is initiated by the user. A full-scale calibration should be performed when the gain is changed.
TYPICAL APPLICATION (FLOWMETER)
GND
AVDD
AD7794
SERIAL
INTERFACE
AND
CONTROL
LOGIC
INTERNAL
CLOCK
CLK
SIGMA DELTA
ADC
IN-AMP
DOUT/RDY
DIN
SCLK
CS
DVDD
AIN1(+)
AIN1(-)
VDD
GND
VDD
PSW
GND
AIN3(+)
AIN2(+)
AIN2(-)
IN+
IN-
OUT+
OUT-
IN+
IN-
OUT+
OUT-
VDD
REFIN1(+)
REFIN1(-)
AIN3(-)
MUX
RCM
IOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com