Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1000MP Datasheet(PDF) 1 Page - Advanced Power Technology

Part # 1000MP
Description  0.6 Watts, 18 Volts, Class A Linear to 1150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1000MP Datasheet(HTML) 1 Page - Advanced Power Technology

  1000MP Datasheet HTML 1Page - Advanced Power Technology 1000MP Datasheet HTML 2Page - Advanced Power Technology 1000MP Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1000MP
0.6 Watts, 18 Volts, Class A
Linear to 1150 MHz
GENERAL DESCRIPTION
The 1000MP is a COMMON EMITTER transistor capable of providing 0.6
Watt of Class A, RF output power to 1150 MHz. This transistor is specifically
designed for general Class A amplifier applications. It utilizes gold metalization
and diffused ballasting to provide high reliability and supreme ruggedness.
CASE OUTLINE
55FW-2
(Common Emitter)
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
°C
5.3 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
40 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
300 mA
Maximum Temperatures
Storage Temperature
-40 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX UNITS
POUT
Power Output
F = 1000 MHz
0.6
0.8
W
PIN
Power Input
IC = 140 mA
0.05
W
PG
Power Gain
VCC = 18 Volts
10.8
dB
FT
Transition Frequency
3.4
3.7
GHz
VSWR
Load Mismatch Tolerance
10:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVEBO
Emitter to Base Breakdown
IE = 1mA
3.5
V
BVCBO
Collector to Base Breakdown
IC = 1mA
40
V
BVCER
Collector to Emitter Breakdown IER = 5mA, RBE = 10
22
V
ICES
Collector Leakage Current
VCE = 28V
hFE
DC – Current Gain
VCE = 5V, Ic = 100mA
15
120
COB
Capacitance
VCB = 28V, F =1 MHz
2.0
3.0
pF
θJC1
Thermal Resistance
33
°C/W
Note 1: At rated output power
Rev A – Aug 2003
Advanced Power Technology reserves the right to change, without notice, the specifications and information
contained herein. Visit our web site at www.advancedpower.com or contact our factory direct.


Similar Part No. - 1000MP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1000MP MICROSEMI-1000MP Datasheet
115Kb / 3P
0.6 Watts, 18 Volts 1150 MHz
More results

Similar Description - 1000MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
10A030 ETC1-10A030 Datasheet
56Kb / 2P
3 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
GHz Technology
10A015 GHZTECH-10A015 Datasheet
292Kb / 3P
1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
23A003 GHZTECH-23A003 Datasheet
29Kb / 1P
0.3 Watts, 15 Volts, Class A Linear to 2300 MHz
23A017 GHZTECH-23A017 Datasheet
33Kb / 2P
1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
23A025 GHZTECH-23A025 Datasheet
32Kb / 2P
2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
80143 GHZTECH-80143 Datasheet
226Kb / 4P
1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
11 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
Microsemi Corporation
1000MP MICROSEMI-1000MP Datasheet
115Kb / 3P
0.6 Watts, 18 Volts 1150 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com