Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1000MP Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 1000MP
Description  0.6 Watts, 18 Volts, Class A Linear to 1150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1000MP Datasheet(HTML) 2 Page - Advanced Power Technology

  1000MP Datasheet HTML 1Page - Advanced Power Technology 1000MP Datasheet HTML 2Page - Advanced Power Technology 1000MP Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1000MP
Series Input Impedance vs. Frequency
2
2.5
3
3.5
4
4.5
5
960
1000
1150
Frequency (MHz)
0
2
4
6
8
10
12
R
jX
Series Collector Load Impedance vs.
Frequency
6
7
8
9
10
11
12
960
1000
1150
Frequency (MHz)
-24
-22
-20
-18
-16
-14
-12
R
jX
Frequency
Zin
Zcl
( MHz )
R
jX
R
jX
960
3.4
7.5
10
-21.2
1000
3.1
8.6
8.2
-18.7
1150
2.75
10.2
6.5
-13.4
Advanced Power Technology reserves the right to change, without notice, the specifications and information
contained herein. Visit our web site at www.advancedpower.com or contact our factory direct.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com