Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7580 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AMC7580
Description  7A LOW DROPOUT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7580 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AMC7580 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AMC DOC. #: AMC7580_E (LF)
AMC7580
Feb 2005
7A LOW DROPOUT REGULATOR
Figure 1. Conventional Load Sensing
Figure 2. Remote Load Sensing
R2
R1
RP
RP
LOAD
ADJ
Power
VOUT
Sense
Control
Control
Sense
VOUT
Power
ADJ
R2
R1
RP
RP
LOAD
(
∆I
OUT)(RP)
B
A
VOUT
Figure 2
VOUT
Figure 1
IOUT
Figure 3. Remote Sensing Improves Load Regulation
TIME
Stability
The Circuit design used in the AMC7580 series requires the use of an output capacitor as part of the device
frequency compensation. The addition of 150
µF Aluminum electrolytic or a 22µF solid tantalum on the output will
ensure stability for all operating conditions. In order to meet the transient performance of the processor larger value
capacitors are needed. To limit the high frequency noise generated by the processor, high quality bypass capacitors
must be used. In order to limit parasitic inductance (ESL) and resistance (ESR) in capacitors to acceptable limits,
multiple small ceramic capacitor in addition to high quality solid tantalum capacitors are required.
When the adjustment terminal is bypassed to improve the ripple rejection, the requirement for an output capacitor
increases. To further improve stability and transient response of these devices larger values of output capacitor can
be used. The modern processors generate large high frequency current transients.
The load current step contains higher order frequency components than the output coupling network must handle
until the regulator throttles to the load current level. Because they contain parasitic resistance and inductance,
capacitors are not ideal elements. These parasitic elements dominate the change in output voltage at the beginning
of a transient load step change. The ESR of the output capacitors produces and instantaneous step in output voltage
at the beginning of a transient load step change. The ESR of the output capacitors produces an instantaneous step in
out voltage
∆V = ∆I(ESR). The ESL of the output capacitors produces a droop proportional to the rate of change of
the output current
∆V = L(∆I/∆t). The output capacitance produces a change in output voltage proportional to the
time until the regulator can respond
∆V = ∆t(∆I/C). Figure 4 illustrates these transient effects.
Copyright
© 2002, ADD Microtech Corp.
7
www.addmtek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com