Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7580 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC7580
Description  7A LOW DROPOUT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7580 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC7580 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AMC DOC. #: AMC7580_E (LF)
Feb 2005
AMC7580
®ADDMICROTECHCORP.
7A LOW DROPOUT REGULATOR
DESCRIPTION
FEATURES
The AMC7580 is a high performance low dropout regulator
rated for 7A output current with fixed 2.5V/3.3V/5.0V and
adjustable output. It is designed for use in applications requiring
low dropout characteristics over the rated current range.
When the second low-current input voltage is applied, the drop
out voltage can be as low as 100mV at light loads and up to
500mV at maximum output current. On chip trimming adjusts
the reference voltage to 1%. These features are ideal for low
voltage microprocessor applications requiring a regulated 2.5V
to 3.6V power supply.
In addition, the AMC7580 provides the device protections
including over current and thermal shutdown. The AMC7580
series are ideal to the next generation microprocessor on
motherboards where both 5V and 3.3V are available.
Input-Output differential of
typical 500mV at 7A and low
quiescent current
Output current is excess of 7A
Remote sense pin available
Reverse battery protection
Short circuit protection
Internal thermal overload protection
Available in 5L plastic TO-220 and
surface mount 5L TO-263 packages
Pin assignment identical to EZ1585
series.
APPLICATIONS
PACKAGE PIN OUT
5-Pin Plastic TO-220
(Top View)
Pentium® Processor Supplies
PowerPCTM Supplies
Computer Add-On Cards
Other Applications Requiring Low
Dropout Voltage Over Rated Current.
AMC7580-2.5 – 2.5V Fixed
AMC7580-3.3 – 3.3V Fixed
AMC7580-5.0 – 5.0V Fixed
AMC7580-ADJ – Adjustable
5-Pin Plastic TO-263
Surface Mount
(Top View)
VPOWER
VCONTROL
Gnd/Adj
VOUT
SENSE
VPOWER
VCONTROL
Gnd/Adj
VOUT
SENSE
ORDER INFORMATION
Plastic TO-220
Plastic TO-263
TA (
OC)
P
5-pin
DD
5-pin
0 to 70
AMC7580-X.XP
AMC7580-X.XDD
0 to 70
AMC7580-X.XPF (Lead Free)
AMC7580-X.XDDF (Lead Free)
0 to 70
AMC7580-ADJP
AMC7580-ADJDD
0 to 70
AMC7580-ADJPF (Lead Free)
AMC7580-ADJDDF (Lead Free)
Note: 1.All surface-mount packages are available in Tape & Reel. Append the letter “T” to part number (i.e.,
AMC7580-X.XDDT).
2.The letter “F” is marked for Lead Free process.
Copyright
© 2002, ADD Microtech Corp.
1
www.addmtek.com


Similar Part No. - AMC7580

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
5A LOW DROPOUT REGULATOR
AMC7581-1.8 ETC-AMC7581-1.8 Datasheet
297Kb / 12P
5A LOW DROPOUT REGULATOR
AMC7581-2.5 ETC-AMC7581-2.5 Datasheet
297Kb / 12P
5A LOW DROPOUT REGULATOR
AMC7581-3.3 ETC-AMC7581-3.3 Datasheet
297Kb / 12P
5A LOW DROPOUT REGULATOR
AMC7581-5.0 ETC-AMC7581-5.0 Datasheet
297Kb / 12P
5A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7580

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
7A, Very Low Dropout Regulator
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
7A LOW DROPOUT REGULATOR
logo
Microsemi Corporation
LX8584X-XX MICROSEMI-LX8584X-XX Datasheet
271Kb / 9P
7A Low Dropout Positive Regualtors
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Linear Technology
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
7A, Very Low Dropout Regulator
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
7A, Very Low Dropout Regulator
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
7A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com