Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERDM Datasheet(PDF) 2 Page - Littelfuse

Part # ERDM
Description  Dedicated - Delay-on-Make
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ERDM Datasheet(HTML) 2 Page - Littelfuse

  ERDM Datasheet HTML 1Page - Littelfuse ERDM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Make
www.littelfuse.com/erdm
Rev: 1-A-062216
Specifications
Time Delay
Type
Digital integrated circuitry
Range
0.1s - 500m in 11 adjustable ranges or
0.1s - 1000m fixed
Adjustment
Fixed, onboard or external adjust
Repeat Accuracy
±0.5%
Tolerance
(Factory Calibration)
≤ ±10%
Recycle Time
≤ 150ms
Time Delay vs Temp.
& Voltage
≤ ±2%
Input
Voltage
12, 24, or 120VDC; 24, 120, or 230VAC
Tolerance
12VDC & 24VDC/AC
-15% - 20%
120VAC/DC & 230VAC
-20% - 10%
AC Line Frequency
50/60 Hz
Output
Type
Isolated relay contacts
Form
DPDT
Rating
10A resistive @ 120/240VAC & 28VDC;
1/3 hp @ 120/240VAC
Life
Mechanical - 1 x 107; Full Load - 1 x 106
Protection
Isolation Voltage
≥1500V RMS input to output
Insulation Resistance
≥100 MΩ
Polarity
DC units are reverse polarity protected
Mechanical
Mounting
Surface mount with two #6
(M3.5 x 0.6) screws
Dimensions
H 88.9 mm (3.5”); W 63.5 mm (2.5”);
D 43.2 mm (1.7”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
-40° to 65°C / -40° to 85°C
Weight
≅ 5.7 oz (162 g)
Selection Guides
ERDM SERIES
Function Diagram
DELAY-ON-MAKE (ON-DELAY)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
= Undefined
Time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com