Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERDM Datasheet(PDF) 1 Page - Littelfuse

Part # ERDM
Description  Dedicated - Delay-on-Make
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ERDM Datasheet(HTML) 1 Page - Littelfuse

  ERDM Datasheet HTML 1Page - Littelfuse ERDM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Rev: 1-A-062216
Time Delay Relays
Dedicated - Delay-on-Make
www.littelfuse.com/erdm
ERDM SERIES
L1
N/L2
V = Voltage
A knob, or terminals 9 & 10
are only included on
adjustable units. Relay
contacts are isolated.
R
T is used when external
adjustment is ordered.
Description
The ERDM Series is a combination of digital electronics and
a reliable electromechanical relay. These devices offer a DPDT
relay output for relay logic circuits, and isolation of input to
output voltages. Cost effective for OEM applications, such as
random starting, sequencing ON, switch de-bouncing, anti-short
cycling, and other common delay-on-make applications.
Operation (Delay-on-Make)
Upon application of input voltage, the time delay begins. The
output is de-energized before and during the time delay. At
the end of the time delay, the output energizes and remains
energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and output.
Features & Benefits
FEATURES
BENEFITS
Digital integrated
circuitry with
electromechanical relay
Repeat Accuracy + / - 0.5%
Isolated 10A, DPDT
output contacts
Allows control of loads for AC or DC voltages
Encapsulated
Protects against shock, vibration, and humidity
Accessories
P1004-16, P1004-16-XVersa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P1015-64 (AWG 14/16) Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
Wiring Diagram
Ordering Information
MODEL
INPUT VOLTAGE
ADJUSTMENT
TIME DELAY
MODEL
INPUT VOLTAGE
ADJUSTMENT
TIME DELAY
ERDM123
12VDC
Onboard knob
0.1 - 10s
ERDM422
120VAC
Onboard knob
0.1 - 5s
ERDM126
12VDC
Onboard knob
0.6 - 60s
ERDM423
120VAC
Onboard knob
0.1 - 10s
ERDM128
12VDC
Onboard knob
0.1 - 10m
ERDM425
120VAC
Onboard knob
0.3 - 30s
ERDM222
24VAC
Onboard knob
0.1 - 5s
ERDM427
120VAC
Onboard knob
0.1 - 5m
ERDM4130S
120VAC
Fixed
30s
ERDM429
120VAC
Onboard knob
0.2 - 15m
ERDM4210
120VAC
Onboard knob
1 - 100m
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - ERDM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
Carbon Film Re sis tors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
More results

Similar Description - ERDM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KRPS LITTELFUSE-KRPS Datasheet
486Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSDU LITTELFUSE-KSDU Datasheet
401Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
MSM LITTELFUSE-MSM Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com