Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S080 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # S080
Description  Linear Shaft Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S080 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  S080 Datasheet HTML 1Page - Nippon Pulse America, Inc. S080 Datasheet HTML 2Page - Nippon Pulse America, Inc. S080 Datasheet HTML 3Page - Nippon Pulse America, Inc. S080 Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hall Effect Specs
The bending radius of the sensor
cable should be R10.72 mm (wire
diameter 1.38 * 8) as suggested by
the wire manufacturer. This radius
should be maintained.
Sensor Cable Specs
Wire Type
UL 758
Wire AWG
28
VCC
Red
GND
Black
Sensor 1
White
Sensor 2
Blue
Sensor 3
Yellow
No Connection
No wire
FG/FGA Type Motor Cable
Wire Type
UL 1330
Wire AWG
20
Frame Ground
Green/Yellow
www.nipponpulse.com
Forcer Specs
S080D
S080T
S080Q
Forcer Length (A)
40mm (1.57in)
55mm (2.17in)
70mm (2.76in)
Forcer Width
20mm (0.79in)
Forcer Screw Pitch (P)
34mm (1.34in)
49mm (1.93in)
64mm (2.52in)
Forcer Weight
0.05kg (0.11lbs)
0.06kg (0.13lbs)
0.08kg (0.18lbs)
Gap
0.50mm (0.02lbs)
Screw
M3
Tightening torque
0.63 Nm
Serial Number
Gap
Bore
Label
Mounting Surface
Motor Cable
Length
Total Length
Movable Length
Stroke Length
Forcer Length
Forcer Screw Pitch
Support Length
Bending
Radius
dep
Reference End
Yellow Mark
Serial Number
Gap
Bore
Label
Mounting Surface
Motor Cable
Length
Total Length
Movable Length
Stroke Length
Forcer Length
Forcer Screw Pitch
Support Length
Bending
Radius
dep
Reference End
Yellow Mark
Note: Cable length 300mm. The bending radius of
the motor cable should be 10.72 mm (wire diameter
1.34 * 8) as suggested by the wire manufacturer. This
radius should be maintained. Use supplied connector
to attach the proper high-flex cable as required by your
application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com