Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S080 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # S080
Description  Linear Shaft Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S080 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  S080 Datasheet HTML 1Page - Nippon Pulse America, Inc. S080 Datasheet HTML 2Page - Nippon Pulse America, Inc. S080 Datasheet HTML 3Page - Nippon Pulse America, Inc. S080 Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S080
Linear Shaft Motor
S080D
S080T
S080Q
Electrical Specs
S080D
S080D 1S
S080T
S080T 1S
S080Q
S080Q 2S
S080Q 1S
Continuous Force1
1.8N (0.4lbs)
2.7N (0.61lbs)
3.5N (0.79lbs)
Continuous Current1
0.84Arms
1.7Arms
0.84Arms
2.5Arms
0.84Arms
1.7Arms
3.4Arms
Acceleration Force2
7.2N (1.6lbs)
11N (2.4lbs)
14N (3.1lbs)
Acceleration Current2
3.4Arms
6.7Arms
3.4Arms
10Arms
3.4Arms
6.7Arms
13Arms
Force Constant (K
f)
2.1N/Arms
(0.48lbs/amp)
1.1N/Arms
(0.25lbs/amp)
3.2N/Arms
(0.72lbs/amp)
1.1N/Arms
(0.25lbs/amp)
4.2N/Arms
(0.94lbs/amp)
2.1N/Arms
(0.47lbs/amp)
1.0N/Arms
(0.22lbs/amp)
Back EMF (K
e)
0.71V/m/s
(0.02V/in/s)
0.36V/m/s
(0.01V/in/s)
1.1V/m/s
(0.03V/in/s)
0.36V/m/s
(0.01V/in/s)
1.4V/m/s
(0.04V/in/s)
0.70V/m/s
(0.02V/in/s)
0.35V/m/s
(0.01V/in/s)
Resistance 25°C,3
4.7
Ω
1.2
Ω
6.8
Ω
0.76
Ω
9.0
Ω
2.3
Ω
0.56
Ω
Inductance3
0.7mH
0.18mH
1.0mH
0.11mH
1.3mH
0.33mH
0.081mH
Electric Time Constant
0.149ms
0.147ms
0.144ms
Max. Rated Voltage (AC)
240V
Fundamental Motor Constant (K
m)
0.98N
√W
1.23N
√W
1.39N
√W
Magnetic Pitch (North-North)
30mm (1.18in)
Thermal Specs
S080D
S080T
S080Q
Max Phase Temperature4
135°C (275°F)
Thermal Resistance (Coil) (K
q)
33.2°C/W
22.9°C/W
17.3°C/W
4
The standard temperature difference between the coil and the forcer surface is 10°C.
Nippon Pulse
Your Partner in Motion Control
Visit nipponpulse.com to download 3D CAD drawings and 2D prints of this motor.
www.nipponpulse.com
Is this the proper Linear Shaft Motor for your application? Use our SMART sizing program to assist in your decision.
This motor can be customized to fit your application demands; contact your application engineer for more information.
1
Based on a temp rise of coil surface of 110°K over 25°C ambient temperature stalled forcer, and no external cooling or heat sinking.
2
Can be maintained for a maximum of 40 seconds. Higher forces and current possible for short periods of time, consult Nippon Pulse for more information.
3
All winding parameters listed are measured line-to-line (phase-to-phase).
D: Double (2) windings
T: Triple (3) windings
Q: Quadruple (4) windings
25-300mm
Blank: Standard
WP: Water Resistant
HA: Digital Hall Effect
CE: CE type motor
FG: Frame Ground
Blank: Standard
FO: Forcer Only
SO: Shaft Only
Part Numbering System
Shaft Size
Forcer Size (A)
Parallel Option
Usable Stroke (S)
Options
Options
S
X
XX
XXXXst
XX
XX
Blank: Single Motor
PL: Parallel Motors
080
Bus Voltage


Similar Part No. - S080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
More results

Similar Description - S080

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
L160 NPM-L160 Datasheet
814Kb / 5P
Linear Shaft Motor
L250 NPM-L250 Datasheet
930Kb / 5P
Linear Shaft Motor
L250XS NPM-L250XS Datasheet
997Kb / 4P
Linear Shaft Motor
L320 NPM-L320 Datasheet
901Kb / 5P
Linear Shaft Motor
L320XS NPM-L320XS Datasheet
839Kb / 4P
Linear Shaft Motor
L350XS NPM-L350XS Datasheet
850Kb / 4P
Linear Shaft Motor
S040 NPM-S040 Datasheet
642Kb / 3P
Linear Shaft Motor
S120 NPM-S120 Datasheet
795Kb / 4P
Linear Shaft Motor
S200 NPM-S200 Datasheet
872Kb / 5P
Linear Shaft Motor
S605 NPM-S605 Datasheet
939Kb / 5P
Linear Shaft Motor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com