Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S320D Datasheet(PDF) 3 Page - Nippon Pulse America, Inc.

Part # S320D
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S320D Datasheet(HTML) 3 Page - Nippon Pulse America, Inc.

  S320D Datasheet HTML 1Page - Nippon Pulse America, Inc. S320D Datasheet HTML 2Page - Nippon Pulse America, Inc. S320D Datasheet HTML 3Page - Nippon Pulse America, Inc. S320D Datasheet HTML 4Page - Nippon Pulse America, Inc. S320D Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wire Type
UL 1330
Wire AWG
20
Frame Ground
Green/Yellow
FG/FGA Type Motor Cable
www.nipponpulse.com
Stroke
S320D
S320T
S320Q
100
Stroke is less than the electrical cycle length. Contact Nippon Pulse.
150
410mm (16.1in)
470mm (18.5in)
530mm (20.9in)
200
460mm (18.1in)
520mm (20.5in)
580mm (22.8in)
250
510mm (20.1in)
570mm (22.4in)
630mm (24.8in)
300
560mm (22in)
620mm (24.4in)
680mm (26.8in)
350
610mm (24in)
670mm (26.4in)
730mm (28.7in)
400
660mm (26in)
720mm (28.3in)
780mm (30.7in)
450
710mm (28in)
770mm (30.3in)
830mm (32.7in)
500
760mm (29.9in)
820mm (32.3in)
880mm (34.6in)
550
810mm (31.9in)
870mm (34.3in)
930mm (36.6in)
600
860mm (33.9in)
920mm (36.2in)
980mm (38.6in)
650
910mm (35.8in)
970mm (38.2in)
1030mm (40.6in)
700
960mm (37.8in)
1020mm (40.2in)
1080mm (42.5in)
750
1010mm (39.8in)
1070mm (42.1in)
1130mm (44.5in)
800
1100mm (43.3in)
1160mm (45.7in)
1220mm (48in)
850
1150mm (45.3in)
1210mm (47.6in)
1270mm (50in)
900
1200mm (47.2in)
1260mm (49.6in)
1320mm (52in)
950
1250mm (49.2in)
1310mm (51.6in)
1370mm (53.9in)
1000
1300mm (51.2in)
1360mm (53.5in)
1420mm (55.9in)
1050
1350mm (53.1in)
1410mm (55.5in)
1470mm (57.9in)
1100
1400mm (55.1in)
1460mm (57.5in)
1520mm (59.8in)
1150
1450mm (57.1in)
1510mm (59.4in)
1570mm (61.8in)
1200
1500mm (59.1in)
1560mm (61.4in)
1620mm (63.8in)
1250
1550mm (61in)
1610mm (63.4in)
1670mm (65.7in)
1300
1600mm (63in)
1660mm (65.4in)
1720mm (67.7in)
1350
1650mm (65in)
1710mm (67.3in)
1770mm (69.7in)
1400
1700mm (66.9in)
1760mm (69.3in)
1820mm (71.7in)
1450
1750mm (68.9in)
1810mm (71.3in)
1870mm (73.6in)
1500
1800mm (70.9in)
1860mm (73.2in)
1920mm (75.6in)
1550
1910mm (75.2in)
1970mm (77.6in)
2030mm (79.9in)
1600
2020mm (79.5in)
2080mm (81.9in)
2140mm (84.3in)
1650
2130mm (83.9in)
2190mm (86.2in)
2250mm (88.6in)
Shaft Length (L)
Shaft Mass
Stroke
S320D
S320T
S320Q
100
Stroke is less than the electrical cycle length. Contact Nippon Pulse.
150
2.1kg (4.6lb)
2.4kg (5.4lb)
2.8kg (6.1lb)
200
2.4kg (5.2lb)
2.7kg (6lb)
3kg (6.7lb)
250
2.7kg (5.8lb)
3kg (6.6lb)
3.3kg (7.3lb)
300
2.9kg (6.5lb)
3.3kg (7.2lb)
3.6kg (8lb)
350
3.2kg (7.1lb)
3.6kg (7.8lb)
3.9kg (8.6lb)
400
3.5kg (7.7lb)
3.8kg (8.5lb)
4.2kg (9.2lb)
450
3.8kg (8.3lb)
4.1kg (9.1lb)
4.5kg (9.8lb)
500
4.1kg (8.9lb)
4.4kg (9.7lb)
4.7kg (10.4lb)
550
4.3kg (9.6lb)
4.7kg (10.3lb)
5kg (11.1lb)
600
4.6kg (10.2lb)
5kg (10.9lb)
5.3kg (11.7lb)
650
4.9kg (10.8lb)
5.2kg (11.6lb)
5.6kg (12.3lb)
700
5.2kg (11.4lb)
5.5kg (12.2lb)
5.9kg (12.9lb)
750
5.5kg (12.1lb)
5.8kg (12.8lb)
6.1kg (13.5lb)
800
5.8kg (12.9lb)
6.2kg (13.6lb)
6.5kg (14.4lb)
850
6.1kg (13.5lb)
6.5kg (14.3lb)
6.8kg (15lb)
900
6.4kg (14.1lb)
6.7kg (14.9lb)
7.1kg (15.6lb)
950
6.7kg (14.7lb)
7kg (15.5lb)
7.4kg (16.2lb)
1000
7kg (15.4lb)
7.3kg (16.1lb)
7.6kg (16.9lb)
1050
7.3kg (16lb)
7.6kg (16.7lb)
7.9kg (17.5lb)
1100
7.5kg (16.6lb)
7.9kg (17.4lb)
8.2kg (18.1lb)
1150
7.8kg (17.2lb)
8.2kg (18lb)
8.5kg (18.7lb)
1200
8.1kg (17.9lb)
8.4kg (18.6lb)
8.8kg (19.3lb)
1250
8.4kg (18.5lb)
8.7kg (19.2lb)
9.1kg (20lb)
1300
8.7kg (19.1lb)
9kg (19.8lb)
9.3kg (20.6lb)
1350
8.9kg (19.7lb)
9.3kg (20.5lb)
9.6kg (21.2lb)
1400
9.2kg (20.3lb)
9.6kg (21.1lb)
9.9kg (21.8lb)
1450
9.5kg (21lb)
9.8kg (21.7lb)
10.2kg (22.4lb)
1500
9.8kg (21.6lb)
10.1kg (22.3lb)
10.5kg (23.1lb)
1550
10.2kg (22.5lb)
10.5kg (23.3lb)
10.9kg (24lb)
1600
10.5kg (23.1lb)
10.8kg (23.9lb)
11.2kg (24.6lb)
1650
10.8kg (23.8lb)
11.1kg (24.5lb)
11.5kg (25.2lb)
Shaft length and mass continued on following page...
Wire Type
UL 2464FA
Wire AWG
20
U Phase
Red
V Phase
White
W Phase
Black
Standard Lead Wire
300mm lead wire bare
leads. The bending radius
of the motor cable should
be 36.6mm as suggested
by the wire manufacturer.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com