Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S320D Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # S320D
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S320D Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  S320D Datasheet HTML 1Page - Nippon Pulse America, Inc. S320D Datasheet HTML 2Page - Nippon Pulse America, Inc. S320D Datasheet HTML 3Page - Nippon Pulse America, Inc. S320D Datasheet HTML 4Page - Nippon Pulse America, Inc. S320D Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S320
Linear Shaft Motor
Thermal Specs
S320D
S320T
S320Q
Max Phase Temperature4
135°C (275°F)
Thermal Resistance (Coil) (K
q)
6.7°C/W
4.7°C/W
3.6°C/W
4
The standard temperature difference between the coil and the forcer surface is 25°C.
S320D
S320T
S320Q
Electrical Specs
S320D
S320D 1S
S320T
S320T 1S
S320Q
S320Q 2S
S320Q 1S
Continuous Force1
56N (12.59lbs)
55N (12.37lbs)
85N (19.11lbs)
80N (17.99lbs)
113N (25.40lbs)
104N (23.38lbs)
Continuous Current1
1.2Arms
2.4Arms
1.2Arms
3.5Arms
1.2Arms
2.3Arms
4.6Arms
Acceleration Force2
226N (50.81lbs) 221N (49.69lbs) 338N (75.99lbs)
318N (71.49lbs)
451N (101.39lbs)
417N (93.75lbs)
Acceleration Current2
5.0Arms
9.8Arms
5.0Arms
14Arms
5.0Arms
9.2Arms
18.4Arms
Force Constant (K
f)
45N/Arms
23N/Arms
68N/Arms
23N/Arms
91N/Arms
45N/Arms
23N/Arms
Back EMF (K
e)
15V/m/s
7.6V/m/s
23V/m/s
7.6V/m/s
30V/m/s
15V/m/s
7.6V/m/s
Resistance 25°C,3
11
Ω
2.8
Ω
17
Ω
1.9
Ω
23
Ω
5.8
Ω
1.4
Ω
Inductance3
17mH
4.3mH
26mH
2.9mH
34.0mH
8.5mH
2.1mH
Electric Time Constant
1.55ms
1.53ms
1.48ms
Max. Rated Voltage (AC)
240V
Fundamental Motor Constant
(K
m)
13.84N
√W
13.66N
√W
17.62N
√W
16.49N
√W
20.49N
√W
18.89N
√W
Magnetic Pitch (North-North)
120mm
Is this the proper Linear Shaft Motor for your application? Use our SMART sizing program to assist in your decision.
This motor can be customized to fit your application demands; contact your application engineer for more information.
1
Based on a temp rise of coil surface of 110°K over 25°C ambient temperature stalled forcer, and no external cooling or heat sinking.
2
Can be maintained for a maximum of 40 seconds. Higher forces and current possible for short periods of time, consult Nippon Pulse for more information.
3
All winding parameters listed are measured line-to-line (phase-to-phase).
Nippon Pulse
Your Partner in Motion Control
Visit nipponpulse.com to download 3D CAD drawings and 2D prints of this motor.
www.nipponpulse.com
Bus Voltage
D: Double (2) windings
T: Triple (3) windings
Q: Quadruple (4) windings
100-2000mm
Blank: Standard
WP: Water Resistant
HA: Digital Hall Effect
CE: CE type motor
FG: Frame Ground
Blank: Standard
FO: Forcer Only
SO: Shaft Only
Part Numbering System
—
—
—
—
Shaft Size
Forcer Size (A)
Parallel Option
Usable Stroke (S)
Options
Options
S
X
XX
XXXXst
XX
XX
—
320
Blank: Single Motor
PL: Parallel Motors


Similar Part No. - S320D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S320 FAIRCHILD-S320 Datasheet
2Mb / 8P
New Products, Tips and Tools for Power and Mobile Applications
logo
Yangzhou yangjie electr...
S320 YANGJIE-S320 Datasheet
99Kb / 2P
Schottky Rectifier
logo
RFE international
S320 RFE-S320 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-11-2022
logo
Omron Electronics LLC
S3200-COCF2571 OMRON-S3200-COCF2571 Datasheet
8Mb / 70P
Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
S3200-HBCB101 OMRON-S3200-HBCB101 Datasheet
1Mb / 182P
Programmable Controllers
More results

Similar Description - S320D

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
L160 NPM-L160 Datasheet
814Kb / 5P
Linear Shaft Motor
L250 NPM-L250 Datasheet
930Kb / 5P
Linear Shaft Motor
L250XS NPM-L250XS Datasheet
997Kb / 4P
Linear Shaft Motor
L320 NPM-L320 Datasheet
901Kb / 5P
Linear Shaft Motor
L320XS NPM-L320XS Datasheet
839Kb / 4P
Linear Shaft Motor
L350XS NPM-L350XS Datasheet
850Kb / 4P
Linear Shaft Motor
S040 NPM-S040 Datasheet
642Kb / 3P
Linear Shaft Motor
S120 NPM-S120 Datasheet
795Kb / 4P
Linear Shaft Motor
S200 NPM-S200 Datasheet
872Kb / 5P
Linear Shaft Motor
S605 NPM-S605 Datasheet
939Kb / 5P
Linear Shaft Motor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com