Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR050 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # SCR050
Description  Nanopositioning Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SCR050 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  SCR050 Datasheet HTML 1Page - Nippon Pulse America, Inc. SCR050 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCR Stage Part Numbering Guide
Stage Width (mm)
Stroke (mm)
Encoder*
Motor Size
Hall Effects
SCR
XXX
XXX
XXX
XX
XXD = Motor Size with double winding
XXT = Motor Size with triple winding
XXQ = Motor Size with quadruple winding
100 = 1000nm
050 = 500nm
010= 100nm
005 = 50nm
001 = 10nm
50mm (1.97 in)
100mm (3.94 in)
150mm (5.91 in)
200mm (7.88 in)
250mm (9.85 in)
300mm (11.82 in)
XX
Stage Width in mm
Stage Main Body Model
050
075
100
150
Example model number: SCR100-50-010-080Q
As of September 1, 2010, all Nippon Pulse SCR Nanopositioning stages are available with a upgraded encoder. Any stage built after September 1, 2010, and beginning with unit SN#080210-001,
comes standard with the Renishaw Tonic Encoder.
The previous encoder was the Renishaw RGH24, which used optional and separate read switch end-of-travel limits. The Tonic Encoder includes limit switches as a part of the new read head and makes
end limits standard at no additional cost. This change optimizes performance and eliminates extra wiring needed with the optional limit switches. Other benefits of using the new encoder include improv-
ing interpolation feedback by four times, achieving 5nm resolution without the use of a large RGB interpolator, and increased resolution and speed options.
*SCR Encoder Upgrade Notice
Blank = No Hall Effects
HA = Hall Effects
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
SCR Standard Pinout
Pin
Signal
Function
2
0V
Ground
4
Z-
Reference Mark
5
B-
Incremental Signal
6
A-
Incremental Signal
7
5V
Power
8
5V
Power
9
0V
Ground
10
Q
Limit
11
P
Limit
12
Z+
Reference Mark
13
B+
Incremental Signal
14
A+
Incremental Signal
15
shield



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com