Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR050 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # SCR050
Description  Nanopositioning Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SCR050 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  SCR050 Datasheet HTML 1Page - Nippon Pulse America, Inc. SCR050 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCR050
Nanopositioning Stage
info@nipponpulse.com
׀
1-540-633-1677
Stage Specifications
Units
SCR050-020
SCR050-040
Travel/Stroke
mm
20
40
Accuracy
μm
2
2
Encoder Resolution
nm
1000, 500, 100, 50, 10
Bi-Directional Repeatability1
±1 count
Maximum Acceleration
m/s2
10
7
Maximum Velocity2
m/s
0.4
0.5
Load Capacity3
kg
10
Moving Mass
kg
0.229
0.298
Total Mass
g
630
730
Straightness & Flatness
μm
2.5/25mm
Home Limit Switches
Standard
Home Switch Location
Center
Limit Switch Over Travel
mm
1
Hard Stop Over Travel
mm
2
Bearing
Cross-roller Bearing
Linear Shaft Motor
S040Q
Motor Specifications
S040Q (Units)
Fund. Motor Constant
0.41N/√W
Motor Force Constant
2.1N/Arms
Back-EMF Constant
0.7V/m/s
Coil Resistance @ 25°C
22.4Ω
Coil Inductance
1mH
Cont. Current @ 135°C
0.3Arms
Acceleration Current
1.1Arms
Cont. Force @ 135°C
0.58N
Acceleration Force
2.3N
Cont. Power Rating
2.016W
Thermal Resistance
62.6°C/W
Magnetic Pole Pitch (N-N)
18mm
The SCR050 stage utilizes a S040 Linear Shaft Motor, making it a compact, precise solution for
small-scale stage applications. The encoder and motor cables are built into the stationary base
and are designed so there is no need for them to bend and flex. All SCR stages utilize a moving
magnet design. With a built-in optical linear encoder that provides sub-nanometer resolution,
the SCR050 is a complete compact stage solution for small-scale precision movement.
Each SCR stage requires a servo driver to operate the stage. Any two SCR stages will
bolt directly together to form a very stiff, compact X-Y assembly, without the need for adaptor
plates. Two SCR stages can be supplied as an X-Y stage to insure true orthogonal orientation
(kg)
(kg)
Note 1: Repeatability
+/- 2 counts at sub 0.1 μm
resolutions
Note 2: For 10nm (0.01μm)
resolution, max veloc-
ity of encoder is limited
to 135mm/sec; for 50nm
(0.05μm), the limit is
675mm/sec; and for 100nm
(0.1μm), the limit is
1350mm/sec
Note 3: Please contact our
Applications Engineers for
loads exceeding 10kg
Stage Specifications
Acceleration/Velocity Curves
Dimensions
Linear Shaft Motor
Specifications
29.5 (1.162)
Motor Cable UL1440
AWG 28
U–red
V–white
W–black
Length: 300mm (0.3m)
Encoder Cable Length:
min. 1000mm
MODEL
TRAVEL mm
A
SCR050-020
20
75
SCR050-040
40
95
0
50
100
150
200
250
300
350
400
450
500
0.10
1.00
10.00
100.00
0.0
2.0
4.0
6.0
8.0
10.0
Load Mass (kg)
SCR050-020
Acceleration
Max Velocity
SCR050-020
0
100
200
300
400
500
600
0.10
1.00
10.00
0.0
2.0
4.0
6.0
8.0
10.0
Load Mass (kg)
SCR050-040
Acceleration
Max Velocity
SCR050-040
Nippon Pulse
Your partner in motion control


Similar Part No. - SCR050

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR002 SSDI-SCR002 Datasheet
62Kb / 2P
HIGH VOLTAGE THYRISTOR
SCR002 SSDI-SCR002_15 Datasheet
62Kb / 2P
HIGH VOLTAGE THYRISTOR
SCR004C SSDI-SCR004C Datasheet
111Kb / 2P
RECTIFIER
SCR004C SSDI-SCR004C_15 Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER
SCR005 SSDI-SCR005 Datasheet
112Kb / 2P
RECTIFIER
More results

Similar Description - SCR050

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7AD-W TAIYO-YUDEN-EMK042CG0R7AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R1AD-W TAIYO-YUDEN-EMK042CG2R1AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R9AD-W TAIYO-YUDEN-EMK042CG2R9AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG5R4BD-W TAIYO-YUDEN-EMK042CG5R4BD-W Datasheet
287Kb / 2P
Lifecycle Stage
TMK042CG0R5AD-W TAIYO-YUDEN-TMK042CG0R5AD-W Datasheet
287Kb / 2P
Lifecycle Stage
JMK105BJ224ME-R TAIYO-YUDEN-JMK105BJ224ME-R Datasheet
289Kb / 2P
Lifecycle Stage
logo
Nippon Pulse America, I...
SCR075 NPM-SCR075 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR100 NPM-SCR100 Datasheet
975Kb / 2P
Nanopositioning Stage
SCR150 NPM-SCR150 Datasheet
1,015Kb / 2P
Nanopositioning Stage
SLP25 NPM-SLP25 Datasheet
428Kb / 2P
Acculine Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com