Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR150 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # SCR150
Description  Nanopositioning Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SCR150 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  SCR150 Datasheet HTML 1Page - Nippon Pulse America, Inc. SCR150 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCR150
Nanopositioning Stage
Linear Shaft Motor
Force Specs
Units
S160D
Fundamental Motor Constant
N/W
3.51
Motor Force Constant (Kf)
N/A rms
16
Back-EMF Constant
V/m/s
5.4
Coil Resistance @ 25°C
Ω
21
Coil Inductance
mH
8.2
Continuous Current @ 135°C
A
0.6
Acceleration Current
A
2.5
Continuous Force @ 135°C
N
10
Acceleration Force
N (lb)
40
Continuous Power Rating
W
16.1
Thermal Resistance
°C/W
33.2
Magnetic Pole Pitch (N-N)
mm
60
Note: Curves apply only to the stage’s standard motor, the
S160D Linear Shaft Motor. If you are interested in using
the S160T or S160Q in your stage, please contact our
application engineers to learn more about these coils.
Linear Shaft Motor Specs
SCR Stage Part Numbering Guide
Stage Width (mm)
Stroke (mm)
Encoder*
Motor Size
Hall Effects
SCR
XXX
XXX
XXX
XX
XXD = Motor Size with double winding
XXT = Motor Size with triple winding
XXQ = Motor Size with quadruple winding
100 = 1000nm
050 = 500nm
010= 100nm
005 = 50nm
001 = 10nm
50mm (1.97 in)
100mm (3.94 in)
150mm (5.91 in)
200mm (7.88 in)
250mm (9.85 in)
300mm (11.82 in)
XX
Stage Width in mm
Stage Main Body Model
050
075
100
150
—
—
—
—
Example model number: SCR100-50-010-080Q
As of September 1, 2010, all Nippon Pulse SCR Nanopositioning stages are available with a upgraded encoder. Any stage built after September 1, 2010, and beginning with unit SN#080210-001,
comes standard with the Renishaw Tonic Encoder.
The previous encoder was the Renishaw RGH24, which used optional and separate read switch end-of-travel limits. The Tonic Encoder includes limit switches as a part of the new read head and makes
end limits standard at no additional cost. This change optimizes performance and eliminates extra wiring needed with the optional limit switches. Other benefits of using the new encoder include improv-
ing interpolation feedback by four times, achieving 5nm resolution without the use of a large RGB interpolator, and increased resolution and speed options.
*SCR Encoder Upgrade Notice
Blank = No Hall Effects
HA = Hall Effects
Dimensions
MODEL
TRAVEL mm
A
B
C
SCR150-100
100
N/A
230
N/A
SCR150-150
150
175
280
175
SCR150-200
200
225
330
225
SCR150-250
250
275
380
275
SCR150-300
300
325
430
325
Motor Cable
UL2464
AWG 24
U–orange
V–white
W–gray
Length: 300mm
Encoder cable length:
minimum 1000mm
All units are listed as mm
B
A
113
(4.449)
18.5
(0.728)
125
(4.921)
Thru-hole
4.921
125
C
182.18
(7.172)
11.09
(0.437)
M6 Thread
113
(4.449)
56.5
(2.224)
62.5 (2.461)
113
(4.449)
[50]
1.969
Nippon Pulse
Your partner in motion control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com