Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR150 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # SCR150
Description  Nanopositioning Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SCR150 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  SCR150 Datasheet HTML 1Page - Nippon Pulse America, Inc. SCR150 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCR150
Nanopositioning Stage
Specifications1
Units
SCR150-100 SCR150-150 SCR150-200 SCR150-250
SCR150-300
Travel/Stroke2
mm
100
150
200
250
300
Stage Width (B)
mm
230
280
330
380
430
Stroke
mm
100
150
200
250
300
Accuracy
μm
5
7
9
11
12
Encoder Resolution
nm
1000, 500, 100, 50, 10
Bi-Directional Repeatability3
±1 count
Maximum Acceleration
m/s2
17
13
11
9
8
Maximum Velocity4
m/s
1.3
1.3
1.4
1.5
1.5
Load Capacity5
kg
45.5
Moving Mass
kg
2.3
2.9
3.5
4.1
4.7
Total Mass
kg
5.2
6.5
7.9
9.2
10.6
Straightness & Flatness
μm
2/25mm
Home Limit Switches
Standard
Home Switch Location
Center
Limit Switch Over Travel
mm
1
Hard Stop Over Travel
mm
2
Bearing
Cross-roller bearing
Linear Shaft Motor
S160D
Stage Specifications
SCR150-150
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass
0
200
400
600
800
1000
1200
1400
1600
1800
Acceleration D coil
Max Velocity D coil
SCR150-250
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass
0
500
1000
1500
2000
2500
Acceleration D coil
Max Velocity D coil
SCR150-300
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass
0
500
1000
1500
2000
2500
Acceleration D coil
Max Velocity D coil
SCR150-100
0.10
1.00
10.00
100.00
0.0
9.1
18.2
27.3
36.4
45.5
Load Mass
0
200
400
600
800
1000
1200
1400
1600
Acceleration D coil
Max Velocity D coil
(kg)
(kg)
(kg)
(kg)
Acceleration/Velocity Curves
Note 1: Standard stage specifications based on the S160D Linear Shaft Motor
Note 2: Travel/Stroke with S160D coil; when using S160T, stroke is 30mm shorter; when using S160Q, stroke is 60mm shorter
Note 3: Repeatability +/- 2 counts sub 0.1μm resolutions
Note 4: For 10nm resolution, max velocity of encoder is limited to 135mm/sec; for 50nm, the limit is 675mm/sec; and for
100nm, the limit is 1350mm/sec
Note 5: Please contact our Applications Engineers for loads exceeding 45.5kg
The largest of the SCR stages, the SCR150 stage has stroke lengths up to 300mm while maintaining
the high performance and accuracy of the smaller SCR stages. Like the other three stages, the
SCR150 is a complete single axis stage which integrates a slide guide, encoder, and a Linear
Shaft Motor. It offers a wide range of advantages for applications requiring high performance
and accuracy.
Each SCR stage requires a servo driver to operate the stage. Any two SCR stages will
bolt directly together to form a very stiff, compact X-Y assembly, without the need for
adaptor plates. Two SCR stages can be supplied as an X-Y stage to insure true orthogonal
orientation between the two axes.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Pin
Signal
Function
2
0V
Ground
4
Z-
Reference Mark
5
B-
Incremental Signal
6
A-
Incremental Signal
7
5V
Power
8
5V
Power
9
0V
Ground
10
Q
Limit
11
P
Limit
12
Z+
Reference Mark
13
B+
Incremental Signal
14
A+
Incremental Signal
15
shield
Nippon Pulse
Your partner in motion control


Similar Part No. - SCR150

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
SCR10-3500 MOBILEMARK-SCR10-3500 Datasheet
222Kb / 1P
CORNER REFLECTOR ANTENNA
11/2021
SCR10-3500 MOBILEMARK-SCR10-3500 Datasheet
375Kb / 1P
Directional Sector Panels & Corner Reflector CBRS 3.5 GHz
4/2016
SCR10-3500-WHT MOBILEMARK-SCR10-3500-WHT Datasheet
375Kb / 1P
Directional Sector Panels & Corner Reflector CBRS 3.5 GHz
4/2016
SCR10-3500-WHT MOBILEMARK-SCR10-3500-WHT Datasheet
222Kb / 1P
CORNER REFLECTOR ANTENNA
11/2021
SCR10-5250 MOBILEMARK-SCR10-5250 Datasheet
273Kb / 1P
Directional, Corner Reflector WiFi 2.4 & 5 GHz
9/2018
More results

Similar Description - SCR150

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7AD-W TAIYO-YUDEN-EMK042CG0R7AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R1AD-W TAIYO-YUDEN-EMK042CG2R1AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R9AD-W TAIYO-YUDEN-EMK042CG2R9AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG5R4BD-W TAIYO-YUDEN-EMK042CG5R4BD-W Datasheet
287Kb / 2P
Lifecycle Stage
TMK042CG0R5AD-W TAIYO-YUDEN-TMK042CG0R5AD-W Datasheet
287Kb / 2P
Lifecycle Stage
JMK105BJ224ME-R TAIYO-YUDEN-JMK105BJ224ME-R Datasheet
289Kb / 2P
Lifecycle Stage
logo
Nippon Pulse America, I...
SCR050 NPM-SCR050 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR075 NPM-SCR075 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR100 NPM-SCR100 Datasheet
975Kb / 2P
Nanopositioning Stage
SLP25 NPM-SLP25 Datasheet
428Kb / 2P
Acculine Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com