Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP25 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # SLP25
Description  Acculine Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SLP25 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  SLP25 Datasheet HTML 1Page - Nippon Pulse America, Inc. SLP25 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SLP25
Acculine Stage
2-ø6H7 Depth 15
210
65
65
12.5 (Including mechanical stop)
4-M6 Depth 15
(100)
(100)
L
Stroke
27.5 (Including mechanical stop)
Encoder Cable
Motor Cable
75
100
4.5
2
Pitch 100 x (N-1)
2xN-M6 Depth 10
2xN-ø6.5 Drill φ6 Countersink Depth 3 (From rear)
P
Q
147
162
50
50
50
30
For frame ground terminal
FG label
Motor Cable Specifications
Hitachi: Power Supply Co.
UL2570
AWG 18
U-red; V-white; W-black
Outer Diameter ø 6.1
JST HL Connector (male)
Encoder Cable Specifications
Heidenhain
Outer Diameter ø 4.3
Dsub 15 Pin Connector (Male)
Stroke
(mm)
L
(mm)
N
Weight
(Kg)
200
670
7
16
300
770
8
17
400
870
9
19
500
970
10
20
600
1070
11
22
700
1170
12
23
800
1270
13
24
900
1370
14
26
1000
1470
15
27
1100
1570
16
28
1200
1670
17
30
2-ø6H7 Depth 15
210
65
65
12.5 (Including mechanical stop)
4-M6 Depth 15
(100)
(100)
L
Stroke
27.5 (Including mechanical stop)
Encoder Cable
Motor Cable
35
100
4.5
2
Pitch 100 x (N-1)
2xN-M6 Depth 10
2xN-ø6.5 Drill φ11 Countersink Depth 6.5 (From rear)
P Q
147
162
50
50
50
30
For frame ground terminal
FG label
5 (mechanical stop)
5 (mechanical stop)
For frame ground terminal
FG label
Single Slider Dimensions
Double Slider Dimensions
All units are listed as mm
All units are listed as mm
(100)
(100)
Detail For P&Q
Detail For P&Q
Stroke
(mm)
L
(mm)
N
Weight
(Kg)
200
450
5
9.7
300
550
5
11
400
650
6
12
500
750
7
14
600
850
8
15
700
950
9
16
800
1050
10
18
900
1150
11
19
1000
1250
12
20
1100
1350
13
22
1200
1450
14
23
N = sets of holes on stage
N = sets of holes on stage
Motor Cable Specifications
Hitachi Cable
UL2570
AWG 18
U-red; V-white; W-black
Outer Diameter ø 6.1
JST HL Connector (male)
Encoder Cable Specifications
Heidenhain
Outer Diameter ø 4.3
Dsub 15 Pin Connector (Male)
info@nipponpulse.com
׀
1-540-633-1677
Nippon Pulse
Your Partner in Motion Control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com