Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP25 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # SLP25
Description  Acculine Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SLP25 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  SLP25 Datasheet HTML 1Page - Nippon Pulse America, Inc. SLP25 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLP25
Acculine Stage
Rated Spec
Unit
Specification
Encoder Resolution
µm
1 (HEIDENHAIN LIDA279)
Continuous Force
N
80
Acceleration Force1
N
340
Continuous Current2
A
1.2
Acceleration Current1
A
5.1
Force Constant (Kf)
N/A rms
66
Back-EMF Constant
V/m/s
22
Resistance3
ohm
22
Inductance3
mH
31
Magnetic Pitch (N-N)
mm
90
Maximum Acceleration4
G
3.5
Maximum Velocity4, 5
m/s
3.0
Bi-Directional Repeatability
mm
±0.0005
Max Load, Horizontal
kg
30
Load Capacity
kg
15
Stroke, Single Forcer6
mm
200-2000 (100 interval)
Stroke, Double Forcer6
mm
200-1800 (100 interval)
Operating Temperature
°C
0~+40
Operating Humidity
%
20~80 (no condensation)
Storage Temperature
°C
−20~+60
Moving Mass
kg
2.7
Note 1: Acceleration Force given is based on the output with the use of the following driver - SLP25: (14) Hitachi Production Machine System
ADA3-01LL2
Note 2: The effective amperage when the temperature increase of the coil front becomes 110K
Note 3: An average value of U-V, U-W, and V-W
Note 4: There are instances when this is not achieved due to load or operation specifications
Note 5: There are instances when this is not achieved due to the length of the stroke
Note 6: Contact NPA for longer stroke lengths
• High Thrust, High Speed, High Responsiveness,
High Precision, Long Stroke
• Simple Design and Easy Installation
• Non-Contact Drive means Low Noise, Long Lifespan,
and Maintenance-Free
Load
0°
45°
90°
5kg
1000
1000
1000
10kg
1000
800
1000
15kg
800
650
1000
20kg
700
580
1000
25kg
550
500
1000
30kg
500
450
1000
3kg
1000
1000
580
6kg
1000
800
450
9kg
1000
670
400
12kg
1000
580
350
15kg
1000
500
300
90°
45°
0°
F‑V Curve GHR25
Velocity, m/s
01234
Acc. Force
Cont. Force
Velocity (m/s)
F-V Curve SLP25
400
350
300
250
200
150
100
50
0
* Driven by ADA3-01LL2 driver with 200 AC input.
Acc. Force
Cont. Force
Load (kg)
6
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
A-L Curve SLP25
0
10
20
30
40
* Driven by ADA3-01LL2 driver with 200 AC input.
5
4
3
2
1
0
-1
-2
-3
-4
-5
1
2
3
4
5
6
7
Count
Repeatability SLP25
Overhanging Weight Tolerance (mm)
Stage Specifications
F-V Curve
Position Repeatability
Max. Acceleration vs. Load
Pin
Signal
Wire Color
Function
1
A+
White
Incremental Signal
2
0V
Black/Red
Ground
3
B+
Green
Incremental Signal
4
5V
Red
Power
7
Z-
Black/Yellow
Reference Mark
9
A-
Black/White
Incremental Signal
11
B-
Black/Green
Incremental Signal
14
Z+
Yellow
Reference Mark
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Nippon Pulse
Your Partner in Motion Control


Similar Part No. - SLP25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLP20-P ETC1-SLP20-P Datasheet
102Kb / 2P
DUAL RECTIFIER CONSTRUCTION
SLP2020P ETC1-SLP2020P Datasheet
102Kb / 2P
DUAL RECTIFIER CONSTRUCTION
SLP2030P ETC1-SLP2030P Datasheet
102Kb / 2P
DUAL RECTIFIER CONSTRUCTION
SLP2035P ETC1-SLP2035P Datasheet
102Kb / 2P
DUAL RECTIFIER CONSTRUCTION
SLP2040P ETC1-SLP2040P Datasheet
102Kb / 2P
DUAL RECTIFIER CONSTRUCTION
More results

Similar Description - SLP25

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7AD-W TAIYO-YUDEN-EMK042CG0R7AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R1AD-W TAIYO-YUDEN-EMK042CG2R1AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R9AD-W TAIYO-YUDEN-EMK042CG2R9AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG5R4BD-W TAIYO-YUDEN-EMK042CG5R4BD-W Datasheet
287Kb / 2P
Lifecycle Stage
TMK042CG0R5AD-W TAIYO-YUDEN-TMK042CG0R5AD-W Datasheet
287Kb / 2P
Lifecycle Stage
JMK105BJ224ME-R TAIYO-YUDEN-JMK105BJ224ME-R Datasheet
289Kb / 2P
Lifecycle Stage
logo
Nippon Pulse America, I...
SCR075 NPM-SCR075 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR100 NPM-SCR100 Datasheet
975Kb / 2P
Nanopositioning Stage
SLP15 NPM-SLP15 Datasheet
445Kb / 2P
Acculine Stage
SLP35 NPM-SLP35 Datasheet
441Kb / 2P
Acculine Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com